Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P561HE103K300A Datasheet(PDF) 5 Page - Kemet Corporation

Part # P561HE103K300A
Description  PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P561HE103K300A Datasheet(HTML) 5 Page - Kemet Corporation

  P561HE103K300A Datasheet HTML 1Page - Kemet Corporation P561HE103K300A Datasheet HTML 2Page - Kemet Corporation P561HE103K300A Datasheet HTML 3Page - Kemet Corporation P561HE103K300A Datasheet HTML 4Page - Kemet Corporation P561HE103K300A Datasheet HTML 5Page - Kemet Corporation P561HE103K300A Datasheet HTML 6Page - Kemet Corporation P561HE103K300A Datasheet HTML 7Page - Kemet Corporation P561HE103K300A Datasheet HTML 8Page - Kemet Corporation P561HE103K300A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3070_PME261 • 9/23/2016
5
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PME261 Series Metallized Impregnated Paper, 10.2 – 25.4 mm Lead Spacing, 400 – 1,000 VDC
Table 1 – Ratings & Part Number Reference
Capacitance
Value (µF)
Maximum
Dimensions in mm
Lead
Spacing (p)
dV/dt
(V/µs)
New Kemet
Part Number
Legacy
Part Number
B
H
L
0.0082
3.9
7.5
13.5
10.2
2000
P561HE822(1)220(2)
PME261KA4820(1)(2)
0.010
3.9
7.5
13.5
10.2
2000
P561HE103(1)220(2)
PME261KA5100(1)(2)
0.015
5.1
10.5
13.5
10.2
2000
P561HL153(1)220(2)
PME261KA5150(1)(2)
0.022
5.1
10.5
13.5
10.2
2000
P561HL223(1)220(2)
PME261KA5220(1)(2)
0.033
5.2
10.5
18.5
15.2
1600
P561QE333(1)220(2)
PME261KB5330(1)(2)
0.047
5.2
10.5
18.5
15.2
1300
P561QE473(1)220(2)
PME261KB5470(1)(2)
0.068
7.3
13.0
18.5
15.2
1100
P561QM683(1)220(2)
PME261KB5680(1)(2)
0.1
7.3
13.0
18.5
15.2
850
P561QM104(1)220(2)
PME261KB6100(1)(2)
0.15
7.6
14.0
24.0
20.3
700
P561CE154(1)220(2)
PME261KC6150(1)(2)
0.22
8.4
14.0
24.0
20.3
560
P561CG224(1)220(2)
PME261KC6220(1)(2)
0.33
11.3
16.5
24.0
20.3
430
P561CP334(1)220(2)
PME261KC6330(1)(2)
0.47
10.6
17.3
30.5
25.4
370
P561EH474(1)220(2)
PME261KE6470(1)(2)
0.68
15.3
22.0
30.5
25.4
300
P561EL684(1)220(2)
PME261KE6680(1)(2)
1
15.3
22.0
30.5
25.4
220
P561EL105(1)220(2)
PME261KE7100(1)(2)
0.001
3.9
7.5
13.5
10.2
2000
P561HE102(1)300(2)
PME261EA4100(1)(2)
0.0015
3.9
7.5
13.5
10.2
2000
P561HE152(1)300(2)
PME261EA4150(1)(2)
0.0022
3.9
7.5
13.5
10.2
2000
P561HE222(1)300(2)
PME261EA4220(1)(2)
0.0033
3.9
7.5
13.5
10.2
2000
P561HE332(1)300(2)
PME261EA4330(1)(2)
0.0047
3.9
7.5
13.5
10.2
2000
P561HE472(1)300(2)
PME261EA4470(1)(2)
0.0068
3.9
7.5
13.5
10.2
2000
P561HE682(1)300(2)
PME261EA4680(1)(2)
0.01
5.1
10.5
13.5
10.2
2000
P561HL103(1)300(2)
PME261EA5100(1)(2)
0.015
5.1
10.5
13.5
10.2
2000
P561HL153(1)300(2)
PME261EA5150(1)(2)
0.022
5.2
10.5
18.5
15.2
2000
P561QE223(1)300(2)
PME261EB5220(1)(2)
0.033
5.2
10.5
18.5
15.2
2000
P561QE333(1)300(2)
PME261EB5330(1)(2)
0.047
7.3
13.0
18.5
15.2
1600
P561QM473(1)300(2)
PME261EB5470(1)(2)
0.068
7.3
13.0
18.5
15.2
1200
P561QM683(1)300(2)
PME261EB5680(1)(2)
0.1
7.6
14.0
24.0
20.3
900
P561CE104(1)300(2)
PME261EC6100(1)(2)
0.15
9.0
15.0
24.0
20.3
650
P561CJ154(1)300(2)
PME261EC6150(1)(2)
0.001
3.9
7.5
13.5
10.2
2000
P561HE102(1)500(2)
PME261JA4100(1)(2)
0.0015
3.9
7.5
13.5
10.2
2000
P561HE152(1)500(2)
PME261JA4150(1)(2)
0.0022
3.9
7.5
13.5
10.2
2000
P561HE222(1)500(2)
PME261JA4220(1)(2)
0.0033
3.9
7.5
13.5
10.2
2000
P561HE332(1)500(2)
PME261JA4330(1)(2)
0.0047
5.1
10.5
13.5
10.2
2000
P561HL472(1)500(2)
PME261JA4470(1)(2)
0.0068
5.1
10.5
13.5
10.2
2000
P561HL682(1)500(2)
PME261JA4680(1)(2)
0.01
5.2
10.5
18.5
15.2
2000
P561QE103(1)500(2)
PME261JB5100(1)(2)
0.015
5.2
10.5
18.5
15.2
2000
P561QE153(1)500(2)
PME261JB5150(1)(2)
0.022
7.3
13.0
18.5
15.2
2000
P561QM223(1)500(2)
PME261JB5220(1)(2)
0.033
7.8
13.5
18.5
15.2
2000
P561QP333(1)500(2)
PME261JB5330(1)(2)
0.047
7.6
14.0
24.0
20.3
2000
P561CE473(1)500(2)
PME261JC5470(1)(2)
0.068
9.0
15.0
24.0
20.3
1400
P561CJ683(1)500(2)
PME261JC5680(1)(2)
0.1
11.3
16.5
24.0
20.3
950
P561CP104(1)500(2)
PME261JC6100(1)(2)
Capacitance
Value (µF)
B (mm)
H (mm)
L (mm)
Lead Spacing (p)
dV/dt (V/µs)
New KEMET
Part Number
Legacy
Part Number
(1) K = ±10%, M = ±20%, J = ±5% on request.
(2) Insert lead and packaging code. See Ordering Options Table for available options.


Similar Part No. - P561HE103K300A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561-006-SLI TRIPPLITE-P561-006-SLI Datasheet
169Kb / 2P
   DVI Single Link Cable, Digital and Analog TMDS Monitor Cable (DVI-I M/M), 6-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
More results

Similar Description - P561HE103K300A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME261KA5220KR19T0 KEMET-PME261KA5220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.022 uF, 10%, 400 VDC, 85C, Lead Spacing = 10.2mm
PME261KE6680KR30 KEMET-PME261KE6680KR30 Datasheet
55Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.68 uF, 10%, 400 VDC, 85C, Lead Spacing = 25.4mm
PME261KB5470KR30 KEMET-PME261KB5470KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.047 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5330KR30 KEMET-PME261KB5330KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.033 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5680KR30 KEMET-PME261KB5680KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.068 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KE7100KR30 KEMET-PME261KE7100KR30 Datasheet
54Kb / 1P
   Capacitor, Film, Metallized Paper, 1 uF, /-10% Tol, -40/100C, General Purpose, 400 VDC@85C, Lead Spacing=25.4 mm
PME261JC6100KR30 KEMET-PME261JC6100KR30 Datasheet
53Kb / 1P
   PME261/P561, Film, Metallized Paper, Commercial Grade, 0.1 uF, 10%, 1,000 V, 85C, Lead Spacing = 20.3mm
PME261JB5220KR30 KEMET-PME261JB5220KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.022 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
PME261JB5100KR30 KEMET-PME261JB5100KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.01 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com