Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-12V030WXYA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # AMD-12V030WXYA
Description  30Watts Output Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AMD-12V030WXYA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  AMD-12V030WXYA Datasheet HTML 1Page - Delta Electronics, Inc. AMD-12V030WXYA Datasheet HTML 2Page - Delta Electronics, Inc. AMD-12V030WXYA Datasheet HTML 3Page - Delta Electronics, Inc. AMD-12V030WXYA Datasheet HTML 4Page - Delta Electronics, Inc. AMD-12V030WXYA Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Switch Mode Power Supply
Medical Adapter
AMD-12V030WxyA
5/5
Rev: 00.2,
3/21/2011
Mechanical drawing


Similar Part No. - AMD-12V030WXYA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
AMD-24V080WXYA DELTA-AMD-24V080WXYA Datasheet
315Kb / 5P
   80Watts Output Power
logo
PAIRUI GROUP INC.
AMD-3 PAIRUI-AMD-3 Datasheet
485Kb / 4P
   AC-DC Converter
AMD-4 PAIRUI-AMD-4 Datasheet
485Kb / 4P
   AC-DC Converter
AMD-5 PAIRUI-AMD-5 Datasheet
439Kb / 4P
   AC-DC Converter
More results

Similar Description - AMD-12V030WXYA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B30-12 ETC1-B30-12 Datasheet
143Kb / 3P
   30WATTS - 12.5 VOLTS 150-175MHz
logo
ice Components, Ins.
I01-0210-01-00 ICE-I01-0210-01-00 Datasheet
257Kb / 2P
   Output Power Chokes
logo
SynQor Worldwide Headqu...
MPFC-115-270-HP SYNQOR-MPFC-115-270-HP Datasheet
7Mb / 18P
   700W output power
logo
Coilcraft lnc.
DMT1-180-1.5L COILCRAFT-DMT1-180-1.5L Datasheet
123Kb / 2P
   Output Power Chokes
logo
Marktech Corporate
MTE7710N1 MARKTECH-MTE7710N1 Datasheet
123Kb / 2P
   High Output Power
MT511 MARKTECH-MT511 Datasheet
92Kb / 2P
   High Output Power
logo
MicroPower Direct, LLC
MPM-24M MPD-MPM-24M Datasheet
1Mb / 4P
   24W Output Power
MPM-25SV MPD-MPM-25SV Datasheet
905Kb / 4P
   25W Output Power
MPM-05M MPD-MPM-05M Datasheet
929Kb / 4P
   5W Output Power
logo
IK Semicon Co., Ltd
ILA1519B IKSEMICON-ILA1519B Datasheet
356Kb / 9P
   High output power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com