Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBP01G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # TBP01G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

TBP01G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  TBP01G Datasheet HTML 1Page - HY ELECTRONIC CORP. TBP01G Datasheet HTML 2Page - HY ELECTRONIC CORP. TBP01G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload rating -50amperes peak
Ideal for printed circuit board
Plastic material has Underwriters Laboratory
flammability classification 94V-0
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Resistive or inductive load,60HZ.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL TBP005G TBP01G TBP02G TBP04G TBP06G TBP08G TBP10G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Output Current
@TA=50 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage Drop
Per Bridge Element at 1.5A Peak
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@TJ=25℃
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@TJ=100℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 7, 16-Mar-2017
IR
10
μA
IR
1.0
mA
TBP005G thru TBP10G
-55 to +150
-55 to +150
1.5
V
50
A
A
GLASS PASSIVATED
VF
1.1
I(AV)
IFSM
BRIDGE RECTIFIERS
Dimensions in inches and (millimeters)
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.5Amperes
TBP
.125X45°
(3.2)
.600(15.24)
.560(14.22)
.420(10.67)
.460(11.68)
.460(11.68)
.500(12.70)
MIN.
.640
(16.25)
(12.7)
.50
MIN.
.034(0.86)
.028(0.76)
.060
(1.52)
.140(3.6)
.160(4.1)
.146(3.7)
.154(3.9)
.053(1.35)
.045(1.15)


Similar Part No. - TBP01G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
TBP01G HY-TBP01G Datasheet
405Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - TBP01G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com