Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1928-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1928-5
Description  Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1928-5 Datasheet(HTML) 1 Page - Linear Technology

  LTC1928-5 Datasheet HTML 1Page - Linear Technology LTC1928-5 Datasheet HTML 2Page - Linear Technology LTC1928-5 Datasheet HTML 3Page - Linear Technology LTC1928-5 Datasheet HTML 4Page - Linear Technology LTC1928-5 Datasheet HTML 5Page - Linear Technology LTC1928-5 Datasheet HTML 6Page - Linear Technology LTC1928-5 Datasheet HTML 7Page - Linear Technology LTC1928-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1928-5
, LTC and LT are registered trademarks of Linear Technology Corporation
ThinSOT is a trademark of Linear Technology Corporation.
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATION
s
Low Output Noise: 90
µVRMS (100kHz BW)
s
Fixed Output Voltage: 5V
s
Input Voltage Range: 2.7V to 4.4V
s
No Inductors Required
s
Uses Small Ceramic Capacitors
s
Output Current Up to 30mA
s
550kHz Switching Frequency
s
Low Operating Current: 190
µA
s
Low Shutdown Current: 4
µA
s
Internal Thermal Shutdown and Current Limiting
s
Low Profile (1mm) ThinSOT
TM Package
The LTC
®1928-5 is a doubler charge pump with an internal
low noise, low dropout (LDO) linear regulator. The part is
designed to provide a low noise boosted supply voltage for
powering noise sensitive devices such as high frequency
VCOs in wireless applications.
An internal charge pump converts a 2.7V to 4.4V input to
a boosted output, while the internal LDO regulator con-
verts the boosted voltage to a low noise regulated output.
The regulator is capable of supplying up to 30mA of output
current. Shutdown reduces the supply current to < 8
µA,
removes the load from VIN by disabling the regulator and
discharges VOUT to ground through a 200Ω switch.
The LTC1928-5 LDO regulator is stable with only 2
µF on
the output. Small ceramic capacitors can be used, reduc-
ing PC board area.
The LTC1928-5 is short-circuit and overtemperature pro-
tected. The part is available in a 6-pin low profile
(1mm)ThinSOT package.
s
VCO Power Supplies for Cellular Phones
s
2-Way Pagers
s
Wireless PCMCIA Cards
s
Portable Medical Instruments
s
Low Power Data Acquisition
s
Remote Transmitters
s
White LED Drivers
s
GaAs Switches
Figure 1. Low Noise 5V Power Supply
Doubler Charge Pump with
Low Noise Linear Regulator
in ThinSOT
Output Noise (BW = 10Hz to 2.5MHz)
VOUT
200
µV/DIV
CCPO = COUT = 4.7µF 100µs/DIV
19285 TA01
IOUT = 10mA
VIN = 3V
VOUT = 5V
TA = 25°C
1
5
6
3
4
2
VOUT
CPO
GND
VIN
2.7V TO 4.4V
VIN
CP
CN/SHDN
5V
4.7
µF
0.47
µF
4.7
µF
4.7
µF
19285 F01
VOUT
LTC1928-5


Similar Part No. - LTC1928-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
More results

Similar Description - LTC1928-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
logo
California Micro Device...
CM3702 CALMIRCO-CM3702 Datasheet
445Kb / 11P
   Micropower Low-Noise Charge-Pump and Linear Regulator
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com