Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALP23A682AB385 Datasheet(PDF) 10 Page - Kemet Corporation

Part # ALP23A682AB385
Description  Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALP23A682AB385 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button ALP23A682AB385 Datasheet HTML 2Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 3Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 4Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 5Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 6Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 7Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 8Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 9Page - Kemet Corporation ALP23A682AB385 Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4046_ALP_T22_23 • 8/11/2016
Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors – ALP22 and ALT22/23 Series, +85°C
KEMET Electronic Corporation Sales Offices
For a complete list of our global sales offices, please visit www.kemet.com/sales.
Disclaimer
All product specifications, statements, information and data (collectively, the “Information”) in this datasheet are subject to change. The customer is responsible for
checking and verifying the extent to which the Information contained in this publication is applicable to an order at the time the order is placed.
All Information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on KEMET Electronics Corporation’s (“KEMET”) knowledge of typical operating conditions for such
applications, but are not intended to constitute – and KEMET specifically disclaims – any warranty concerning suitability for a specific customer application or use.
The Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any
technical advice inferred from this Information or otherwise provided by KEMET with reference to the use of KEMET’s products is given gratis, and KEMET assumes no
obligation or liability for the advice given or results obtained.
Although KEMET designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component
failures may still occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards
(such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or
property damage.
Although all product–related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other
measures may not be required.
KEMET is a registered trademark of KEMET Electronics Corporation.


Similar Part No. - ALP23A682AB385

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP230CCX SANYO-ALP230CCX Datasheet
647Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CXX SANYO-ALP230CXX Datasheet
643Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FCX SANYO-ALP234FCX Datasheet
645Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
More results

Similar Description - ALP23A682AB385

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
logo
List of Unclassifed Man...
ROB-6V330ME3 ETC2-ROB-6V330ME3 Datasheet
116Kb / 4P
   ROB Miniature Aluminum Electrolytic Capacitors For Audio
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com