Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALP23A682AB400 Datasheet(PDF) 8 Page - Kemet Corporation

Part # ALP23A682AB400
Description  Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALP23A682AB400 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button ALP23A682AB400 Datasheet HTML 2Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 3Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 4Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 5Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 6Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 7Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 8Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 9Page - Kemet Corporation ALP23A682AB400 Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4046_ALP_T22_23 • 8/11/2016
Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors – ALP22 and ALT22/23 Series, +85°C
Table 1B – Ratings & Part Number Reference (ALT)
VDC
Rated
Capacitance (µF)
Capacitance
Tolerance
Size Code
Case Size
Part Number
40
4700
20%
AB
25 x 45
ALT22A472AB040
40
10000
20%
CB
35 x 45
ALT22A103CB040
40
15000
20%
CD
35 x 55
ALT22A153CD040
40
22000
20%
DD
40 x 55
ALT22A223DD040
63
4700
20%
BB
30 x 45
ALT22A472BB063
63
10000
20%
CD
35 x 55
ALT22A103CD063
63
15000
20%
DE
40 x 75
ALT22A153DE063
100
1000
20%
AB
25 x 45
ALT22A102AB100
100
4700
20%
DD
40 x 55
ALT22A472DD100
100
10000
20%
DF
40 x 105
ALT22A103DF100
200
220
20%
AB
25 x 45
ALT22A221AB200
200
680
20%
DB
40 x 45
ALT22A681DB200
200
1000
20%
DD
40 x 55
ALT22A102DD200
200
2200
20%
DF
40 x 105
ALT22A222DF200
385
100
20%
AB
25 x 45
ALT22A101AB385
385
150
20%
BB
30 x 45
ALT22A151BB385
385
470
20%
DD
40 x 55
ALT22A471DD385
385
1000
20%
DF
40 x 105
ALT22A102DF385
VDC
Rated Capacitance
(µF)
Capacitance
Tolerance
Size Code
Case Size
Part Number
Print Detail
• KEMET Logo
• Rated capacitance
• Capacitance tolerance
• Rated voltage
• Climatic Category
• Date of manufacture & Batch No.
• Article code


Similar Part No. - ALP23A682AB400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ALP230CCX SANYO-ALP230CCX Datasheet
647Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CGX SANYO-ALP230CGX Datasheet
644Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP230CXX SANYO-ALP230CXX Datasheet
643Kb / 8P
   Low-Temperature Polysilicon 2.0-inch TFT LCD Module
ALP234FCX SANYO-ALP234FCX Datasheet
645Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
ALP234FXX SANYO-ALP234FXX Datasheet
631Kb / 8P
   Low-Temperature Polysilicon 2.5-inch TFT LCD Module
More results

Similar Description - ALP23A682AB400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
logo
List of Unclassifed Man...
ROB-6V330ME3 ETC2-ROB-6V330ME3 Datasheet
116Kb / 4P
   ROB Miniature Aluminum Electrolytic Capacitors For Audio
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com