Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALP22A682AB450 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALP22A682AB450
Description  Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALP22A682AB450 Datasheet(HTML) 2 Page - Kemet Corporation

  ALP22A682AB450 Datasheet HTML 1Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 2Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 3Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 4Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 5Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 6Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 7Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 8Page - Kemet Corporation ALP22A682AB450 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4046_ALP_T22_23 • 8/11/2016
Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors – ALP22 and ALT22/23 Series, +85°C
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
22 – 150,000 µF
Rated Voltage
40 – 450 VDC
Operating Temperature
-40 to +85°C
Storage Temperature Range
-55 to +85°C
Capacitance Tolerance
±20% at 100 Hz / +20°C
Operational Lifetime
D (mm)
Rated Voltage and Ripple Current at +85°C (hours)
25
12,000
30
15,000
35
18,000
40
26,000
End of Life Requirement
∆ C/C < ±10%
Shelf Life
2,000 hours at +85°C or 30,000 hours at +40°C 0 VDC
Leakage Current
I = 0.006 CV or 6,000 (µA, whichever is smaller)
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 5 minutes at +20°C.
Standards
IEC 60384–4
Surge Voltage
Condition
Voltage (VDC)
40
63
100
200
385
≤ 30 s surge, 1,000 cycles at +85°C
46
72.5
115
230
423.5


Similar Part No. - ALP22A682AB450

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALP22A680AB450 KEMET-ALP22A680AB450 Datasheet
203Kb / 4P
   Board Mounting or Solder Tag Terminations
ALP22A681DF450 KEMET-ALP22A681DF450 Datasheet
203Kb / 4P
   Board Mounting or Solder Tag Terminations
More results

Similar Description - ALP22A682AB450

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
logo
List of Unclassifed Man...
ROB-6V330ME3 ETC2-ROB-6V330ME3 Datasheet
116Kb / 4P
   ROB Miniature Aluminum Electrolytic Capacitors For Audio
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com