Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1937 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1937
Description  Two-Phase Desktop CPU Core Supply Controllers with Controlled VID Change
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1937 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1937 Datasheet HTML 7Page - Maxim Integrated Products MAX1937 Datasheet HTML 8Page - Maxim Integrated Products MAX1937 Datasheet HTML 9Page - Maxim Integrated Products MAX1937 Datasheet HTML 10Page - Maxim Integrated Products MAX1937 Datasheet HTML 11Page - Maxim Integrated Products MAX1937 Datasheet HTML 12Page - Maxim Integrated Products MAX1937 Datasheet HTML 13Page - Maxim Integrated Products MAX1937 Datasheet HTML 14Page - Maxim Integrated Products MAX1937 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Two-Phase Desktop CPU Core Supply Controllers
with Controlled VID Change
______________________________________________________________________________________
11
Pin Description
PIN
NAME
FUNCTION
1
VID0
Voltage Identification Input Bit 0. See Table 1. Internal 100k
Ω pullup resistor to VDD.
2
VID1
Voltage Identification Input Bit 1. See Table 1. Internal 100k
Ω pullup resistor to VDD.
3
TIME
Connect to an external resistor (47k
Ω to 470kΩ) for VID change slew-rate control.
4
VID2
Voltage Identification Input Bit 2. See Table 1. Internal 100k
Ω pullup resistor to VDD.
5
VID3
Voltage Identification Input Bit 3. See Table 1. Internal 100k
Ω pullup resistor to VDD.
6
VID4
Voltage Identification Input Bit 4. See Table 1. Internal 100k
Ω pullup resistor to VDD.
7
VPOS
Voltage Positioning. Connect a resistor between VPOS and REF to set the output voltage-positioning
droop, or connect directly to REF for no output voltage positioning. Connect a 47pF capacitor from
VPOS to GND.
8
VDD
IC Analog Power-Supply Input. Connect a 5V supply to VDD.
9
ILIM
Current-Limit Threshold per Phase. Connect ILIM to VDD to set a default current limit of 120mV, or
connect to a voltage-divider from REF to GND to adjust the current limit. See the Setting the Current
Limit section.
10
GND
Ground
11
GNDS
Remote Ground Sense. Connect GNDS to the output ground at the load. For VRM applications, also
connect a 100
Ω resistor from GNDS to PGND locally.
12
REF
Reference Output. Connect a 0.1µF capacitor from REF to GND.
13
EN
Enable Input. Leave unconnected or drive high for normal operation. Drive low for shutdown.
14
FB
Remote Feedback Sense. Connect FB to the output at the load. For VRM applications, also connect
a 100
Ω resistor from FB to the output locally.
15
PWRGD
Power-Good Output. Open-drain output is high impedance when the output is in regulation and
pulled low when the output deviates more than 12.5% from the voltage set by the VID code. PWRGD
is also low in shutdown or during any fault condition. To use as a logic output, connect a pullup
resistor from PWRGD to the logic supply.
16
BST2
High-Side MOSFET Gate-Driver Bootstrap Input. Connect 0.22µF or higher value bypass capacitor
from BST2 to LX2. Keep trace length as short as possible. Connect a Schottky diode between BST2
and VLG. See the Selecting a BST Capacitor section.
17
DH2
High-Side MOSFET Gate-Drive Output. Connect to the high-side MOSFET gate. DH2 is pulled low in
shutdown.
18
LX2
Inductor Connection. Connect to the switched side of the inductor.
19
CS2
Negative Current-Sense Input. Connect to a current-sense resistor in series with the low-side
MOSFET, or connect to LX2 to use the low-side MOSFET’s on-resistance for current sensing.
20
DL2
Low-Side MOSFET Gate-Driver Output. Connect to the low-side MOSFET gate. DL2 is pulled low in
shutdown.
21
PGND
Power Ground. Connect to power ground at the point where the current-sense resistors or low-side
MOSFET sources connect. PGND is used as the positive current-sense connection.


Similar Part No. - MAX1937

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1937 MAXIM-MAX1937 Datasheet
508Kb / 9P
   a fully tested and assembled power supply Evaluation Kit
Rev 1; 5/07
More results

Similar Description - MAX1937

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com