Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3657E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3657E
Description  155Mbps Low-Noise Transimpedance Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3657E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3657E Datasheet HTML 1Page - Maxim Integrated Products MAX3657E Datasheet HTML 2Page - Maxim Integrated Products MAX3657E Datasheet HTML 3Page - Maxim Integrated Products MAX3657E Datasheet HTML 4Page - Maxim Integrated Products MAX3657E Datasheet HTML 5Page - Maxim Integrated Products MAX3657E Datasheet HTML 6Page - Maxim Integrated Products MAX3657E Datasheet HTML 7Page - Maxim Integrated Products MAX3657E Datasheet HTML 8Page - Maxim Integrated Products MAX3657E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX3657 is a transimpedance preamplifier for
receivers operating up to 155Mbps. The low noise, high
gain, and low-power dissipation make it ideal for Class-B
and Class-C passive optical networks (PONs).
The circuit features 14nA input-referred noise, 130MHz
bandwidth, and 2mA input overload. Low jitter is
achieved without external compensation capacitors.
Operating from a +3.3V supply, the MAX3657 con-
sumes only 76mW power. An integrated filter resistor
provides positive bias for the photodiode. These fea-
tures, combined with a small die size, allow easy
assembly into a TO-46 header with a photodiode. The
MAX3657 includes an average photocurrent monitor.
The MAX3657 has a typical optical sensitivity of -38dBm
(0.9A/W), which exceeds the Class-C PON require-
ments. Typical overload is 0dBm. The MAX3657 is avail-
able in die form with both output polarities (MAX3657E/D
and MAX3657BE/D.) The MAX3657 is also available in a
12-pin, 3mm x 3mm thin QFN package.
Applications
Optical Receivers (Up to 155Mbps Operation)
Passive Optical Networks (PONs)
SFP/SFF Transceivers
BiDi Transceivers
Features
♦ 14nARMS Input-Referred Noise
♦ 54kΩ Transimpedance Gain
♦ 130MHz (typ) Bandwidth
♦ 2mAP-P Input Current—0dBm Overload Capability
♦ 76mW (typ) Power Dissipation
♦ 3.3V Single-Supply Operation
♦ Average Photocurrent Monitor
155Mbps Low-Noise Transimpedance
Amplifier
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2834; Rev 2; 2/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Dice are designed to operate over a -40°C to +110°C junction
temperature (TJ) range, but are tested and guaranteed at TA =
+25°C.
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX3657ETC
-40°C to +85°C
12 Thin QFN
MAX3657E/D
-40°C to +85°C
Die*
MAX3657BE/D
-40°C to +85°C
Die*
Typical Application Circuit
FILT
IN
GND
1µF
1µF
TO-46 HEADER
*OPTIONAL COMPONENT
OUT+
OUT-
MON
VCCZ
RFILT
CFILT
3.3V
COUT
RLOAD
200Ω
RMON*
LIMITING AMPLIFIER
MAX3964
MAX3657
VCC
CVCC1
CVCC2


Similar Part No. - MAX3657E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3657E/D MAXIM-MAX3657E/D Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
MAX3657ETC MAXIM-MAX3657ETC Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Rochester Electronics
MAX3657ETC-G ROCHESTER-MAX3657ETC-G Datasheet
617Kb / 1P
   TRANSIMPEDANCE AMPLIFIER now available in a lead-free package
More results

Similar Description - MAX3657E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
   4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
logo
Maxim Integrated Produc...
MAX3275 MAXIM-MAX3275 Datasheet
1Mb / 9P
   Low-Noise, Fibre Channel Transimpedance Amplifiers
Rev 1; 3/05
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com