Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR08B Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCR08B
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR08B Datasheet(HTML) 1 Page - ON Semiconductor

  MCR08B Datasheet HTML 1Page - ON Semiconductor MCR08B Datasheet HTML 2Page - ON Semiconductor MCR08B Datasheet HTML 3Page - ON Semiconductor MCR08B Datasheet HTML 4Page - ON Semiconductor MCR08B Datasheet HTML 5Page - ON Semiconductor MCR08B Datasheet HTML 6Page - ON Semiconductor MCR08B Datasheet HTML 7Page - ON Semiconductor MCR08B Datasheet HTML 8Page - ON Semiconductor MCR08B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 3
1
Publication Order Number:
MCR08BT1/D
MCR08B, MCR08M
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
PNPN devices designed for line powered consumer applications
such as relay and lamp drivers, small motor controls, gate drivers for
larger thyristors, and sensing and detection circuits. Supplied in
surface mount package for use in automated manufacturing.
Sensitive Gate Trigger Current
Blocking Voltage to 600 Volts
Glass Passivated Surface for Reliability and Uniformity
Surface Mount Package
Device Marking: MCR08BT1: CR08B; MCR08MT1: CR08M, and
Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage(1)
(Sine Wave, RGK = 1000 Ω,
TJ = 25 to 110°C)
MCR08BT1
MCR08MT1
VDRM,
VRRM
200
600
Volts
On-State Current RMS
(All Conduction Angles; TC = 80°C)
IT(RMS)
0.8
Amps
Peak Non-repetitive Surge Current
(1/2 Cycle Sine Wave, 60 Hz,
TC = 25°C)
ITSM
8.0
Amps
Circuit Fusing Considerations
(t = 8.3 ms)
I2t
0.4
A2s
Forward Peak Gate Power
(TC = 80°C, t = 1.0 µs)
PGM
0.1
Watts
Average Gate Power
(TC = 80°C, t = 8.3 ms)
PG(AV)
0.01
Watts
Operating Junction Temperature Range
TJ
– 40 to
+110
°C
Storage Temperature Range
Tstg
– 40 to
+150
°C
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant source such that the voltage
ratings of the devices are exceeded.
SCRs
0.8 AMPERES RMS
200 thru 600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MCR08BT1
SOT223
16mm Tape and Reel
(1K/Reel)
MCR08MT1
SOT223
http://onsemi.com
16mm Tape and Reel
(1K/Reel)
K
G
A
SOT–223
CASE 318E
STYLE 10
4
1
2
3
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode


Similar Part No. - MCR08B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR08B ONSEMI-MCR08B Datasheet
97Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
April, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MCR08B KERSEMI-MCR08B Datasheet
850Kb / 9P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Motorola, Inc
MCR08BT1 MOTOROLA-MCR08BT1 Datasheet
294Kb / 6P
   SCR 0.8 AMPERE RMS 200 thru 600 Volts
logo
ON Semiconductor
MCR08BT1 ONSEMI-MCR08BT1 Datasheet
97Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
April, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MCR08BT1 KERSEMI-MCR08BT1 Datasheet
850Kb / 9P
   Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - MCR08B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com