Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0603K102R014 Datasheet(PDF) 2 Page - Kemet Corporation

Part # VC0603K102R014
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC0603K102R014 Datasheet(HTML) 2 Page - Kemet Corporation

  VC0603K102R014 Datasheet HTML 1Page - Kemet Corporation VC0603K102R014 Datasheet HTML 2Page - Kemet Corporation VC0603K102R014 Datasheet HTML 3Page - Kemet Corporation VC0603K102R014 Datasheet HTML 4Page - Kemet Corporation VC0603K102R014 Datasheet HTML 5Page - Kemet Corporation VC0603K102R014 Datasheet HTML 6Page - Kemet Corporation VC0603K102R014 Datasheet HTML 7Page - Kemet Corporation VC0603K102R014 Datasheet HTML 8Page - Kemet Corporation VC0603K102R014 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Ordering Information
VC
0603
M
300
R
002
Series
Chip
Size Code
Tolerances
Rated Peak Single Pulse
Transient Current (A)
Packaging/
Termination
Maximum Continuous
Working Voltage
(Vrms AC)
Varistor
SMD125°C
Low Voltage
Multilayer Chip
0603 = 0603
0805 = 0805
1206 = 1206
1210 = 1210
1812 = 1812
2220 = 2220
K = ±10%
L = ±15%
M = ±20%
300 = 30
101 = 100
121 = 120
151 = 150
201 = 200
251 = 250
301 = 300
401 = 400
501 = 500
601 = 600
801 = 800
102 = 1,000
122 = 1,200
(First two digits represent
significantfigures.Thirddigit
specifiesnumberofzeros.)
R = Reel 180 mm/Ni Sn
Barrier Terminations
002 = 2
004 = 4
006 = 6
008 = 8
011 = 11
014 = 14
017 = 17
020 = 20
025 = 25
030 = 30
035 = 35
040 = 40
050 = 50
060 = 60
075 = 75
095 = 95
115 = 115
130 = 130
Dimensions – Millimeters
W
L
0.5±0.25
t
Size Code
L
W
t
max
0603
1.6±0.20
0.80±0.10
0.95
0805
2.0±0.25
1.25±0.20
0.80
1206
3.2±0.30
1.60±0.20
0.85
1210
3.2±0.30
2.50±0.25
0.85
1812
4.7±0.40
3.20±0.30
1.25
2220
5.7±0.50
5.00±0.40
1.25


Similar Part No. - VC0603K102R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603K300R014 KEMET-VC0603K300R014 Datasheet
53Kb / 1P
   Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VC0603K300R020 KEMET-VC0603K300R020 Datasheet
52Kb / 1P
   Varistors, VC, Low Voltage, 26 V, 20 VAC, 33 V, 54 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VC0603K300R025 KEMET-VC0603K300R025 Datasheet
57Kb / 1P
   KEMET, VC, Varistors, Low Voltage, 31 V, 25 VAC, 39 V, 65 V, 1 A, 30 A, 100 mJ, 3000 uW
VC0603K300R030 KEMET-VC0603K300R030 Datasheet
52Kb / 1P
   Varistors, VC, Low Voltage, 38 V, 30 VAC, 47 V, 77 V, 1 Amps, 30 Amps, 100 mJ, 3000 uW
More results

Similar Description - VC0603K102R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com