Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC1812K102R014 Datasheet(PDF) 5 Page - Kemet Corporation

Part # VC1812K102R014
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC1812K102R014 Datasheet(HTML) 5 Page - Kemet Corporation

  VC1812K102R014 Datasheet HTML 1Page - Kemet Corporation VC1812K102R014 Datasheet HTML 2Page - Kemet Corporation VC1812K102R014 Datasheet HTML 3Page - Kemet Corporation VC1812K102R014 Datasheet HTML 4Page - Kemet Corporation VC1812K102R014 Datasheet HTML 5Page - Kemet Corporation VC1812K102R014 Datasheet HTML 6Page - Kemet Corporation VC1812K102R014 Datasheet HTML 7Page - Kemet Corporation VC1812K102R014 Datasheet HTML 8Page - Kemet Corporation VC1812K102R014 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Reliability
In general, reliability is the ability of a component to perform and maintain its functions in routine circumstances, as well as
hostile or unexpected circumstances. The mean life of series components is a function of:
• Factor of Applied Voltage
• Ambient temperature
Mean life is closely related to Failure rate (formula).
Mean life (ML) is the arithmetic mean (average) time to failure of a component.
Failure rate is the frequency with which an engineered system or component fails, expressed for example in failures per
hour. Failure rate is usually time dependent, an intuitive corollary is that the rate changes over time versus the expected
life cycle of a system.
Failure rate formula – calculation
Λ=
109
[fit]
ML[h]
FAV – Factor of Applied Voltage
Λ=
Vapl
V
max
Vapl = applied voltage
V
max = maximum operating voltage
Years
Mean Life on Arrhenius model
1,000
100
10
103
104
105
106
107
108
1
h
120 100 80
60
40
20
°C
Ta
FAV
0,7
0,8
0,9
1,0


Similar Part No. - VC1812K102R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC1812K301R095 KEMET-VC1812K301R095 Datasheet
53Kb / 1P
   Varistors, VC, Low Voltage, 125 V, 95 VAC, 150 V, 250 V, 5 Amps, 300 Amps, 5.2 J, 15 mW
VC1812K401R060 KEMET-VC1812K401R060 Datasheet
53Kb / 1P
   Varistors, VC, Low Voltage, 85 V, 60 VAC, 100 V, 165 V, 5 Amps, 400 Amps, 5.8 J, 15 mW
VC1812K601R035 KEMET-VC1812K601R035 Datasheet
53Kb / 1P
   Varistors, VC, Low Voltage, 45 V, 35 VAC, 56 V, 90 V, 5 Amps, 600 Amps, 4.2 J, 15 mW
VC1812K601R040 KEMET-VC1812K601R040 Datasheet
53Kb / 1P
   Varistors, VC, Low Voltage, 56 V, 40 VAC, 68 V, 110 V, 5 Amps, 600 Amps, 4.8 J, 15 mW
VC1812K801R025 KEMET-VC1812K801R025 Datasheet
57Kb / 1P
   KEMET, VC, Varistors, Low Voltage, 31 V, 25 VAC, 39 V, 65 V, 5 A, 800 A, 3.9 J, 15 mW
More results

Similar Description - VC1812K102R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com