Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS985 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS985
Description  Micropower low-voltage, 1.2 x 0.8 mm CSP comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS985 Datasheet(HTML) 4 Page - STMicroelectronics

  TS985 Datasheet HTML 1Page - STMicroelectronics TS985 Datasheet HTML 2Page - STMicroelectronics TS985 Datasheet HTML 3Page - STMicroelectronics TS985 Datasheet HTML 4Page - STMicroelectronics TS985 Datasheet HTML 5Page - STMicroelectronics TS985 Datasheet HTML 6Page - STMicroelectronics TS985 Datasheet HTML 7Page - STMicroelectronics TS985 Datasheet HTML 8Page - STMicroelectronics TS985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
TS985
4/18
DocID029328 Rev 1
2
Electrical characteristics
Table 3. VCC+ = 1.8 V, VCC- = 0 V, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage, full Vicm range
0.5
8
mV
Input offset voltage, Tmin ≤Tamb ≤Tmax
9
ΔVio/ΔT Input offset voltage drift vs. temperature
4.5
uV/°C
VHyst
Input hysteresis voltage
3
mV
Iib
Input bias current (1), full Vicm range
14
40
nA
Input bias current (1), Tmin ≤ Tamb ≤ Tmax
100
Iio
Input offset current, full Vicm range
1
10
Input offset current, Tmin ≤ Tamb ≤ Tmax
100
CMR
Common-mode rejection ratio, Vicm = 0 to 1.8 V
43
dB
ICC
Supply current per comparator, no load - Vicm = 0 V
13
19
µA
Supply current per comparator, Tmin ≤ Tamb ≤ Tmax
20
VOH
High-level output voltage, ISource = 1 mA
1.69
1.71
V
High-level output voltage, Tmin ≤ Tamb ≤ Tmax
1.67
VOL
Low-level output voltage, ISink = 1 mA
65
80
mV
Low-level output voltage, Tmin ≤ Tamb ≤ Tmax
95
ISink
VOUT = 0 V
6
8
mA
Tmin ≤ Tamb ≤ Tmax
5
ISource
VOUT = VCC
4.5
7.3
Tmin ≤ Tamb ≤ Tmax
3.5
tPHL
Response time high to low (2), Vicm = 0 V, CL = 15 pF,
overdrive = 10 mV
730
ns
Response time high to low (2), Vicm = 0 V, CL = 15 pF,
overdrive = 100 mV
300
tPLH
Response time low to high (3), Vicm = 0 V, CL = 15 pF,
overdrive = 10 mV
730
Response time low to high (3), Vicm = 0 V, CL = 15 pF,
overdrive = 100 mV
300
1. Maximum values include unavoidable inaccuracies of the industrial tests.
2. TPHL is measured when the output signal crosses a voltage level at 50% of VCC with the following conditions: inverting
input voltage (IN-) = VICM and non-inverting input (IN+), moving from VICM + 100mV to VICM - overdrive.
3. TPLH is measured when the output signal crosses a voltage level at 50 % of VCC with the following conditions: inverting
input voltage (IN-) = VICM and non-inverting input (IN+), moving from VICM - 100 mV to VICM + overdrive.


Similar Part No. - TS985

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TS985C3R FUJI-TS985C3R Datasheet
557Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R Datasheet
395Kb / 12P
   SILICON DIODE
TS985C6R FUJI-TS985C6R Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Similar Description - TS985

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C171KRKT EHAOAN-EH-C171KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171DS5 EHAOAN-EH-C171DS5 Datasheet
1Mb / 10P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171TGKT-5A EHAOAN-EH-C171TGKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171KGKT EHAOAN-EH-C171KGKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171TBKT-5A EHAOAN-EH-C171TBKT-5A Datasheet
1Mb / 7P
   ·Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171KFKT EHAOAN-EH-C171KFKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C171KSKT EHAOAN-EH-C171KSKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
logo
STMicroelectronics
TLV1112 STMICROELECTRONICS-TLV1112 Datasheet
323Kb / 12P
   1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
logo
Linear Technology
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com