Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1041270510 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1041270510
Description  IllumiMate 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1041270510 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1041270510 Datasheet HTML 1Page - Molex Electronics Ltd. 1041270510 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1041270510
Status:
Active
Overview:
IllumiMate™ Connector System
Description:
IllumiMate™ 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row,
Vertical, Positive Lock, 5 Circuits
Documents:
3D Model
Packaging Specification PK-104127-002-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-104127-002-001 (PDF)
General
Product Family
PCB Headers
Series
104127
Application
Wire-to-Board
Overview
IllumiMate™ Connector System
Product Name
IllumiMate™
UPC
884982937017
Physical
Breakaway
No
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Liquid Crystal Polymer
Net Weight
0.150/g
Number of Rows
1
Orientation
Vertical
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.00mm
Plating min - Mating
3.000µm
Plating min - Termination
3.000µm
Temperature Range - Operating
-25°C to +130°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
60V
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-104127-002-002
Product Specification
PS-104127-002-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
104127 Series
Mates With
IllumiMate™ Housing 104128-0500


Similar Part No. - 1041270510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1041270410 MOLEX1-1041270410 Datasheet
32Kb / 2P
   IllumiMate 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1041270620 MOLEX1-1041270620 Datasheet
46Kb / 2P
   IllumiMate 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row
More results

Similar Description - 1041270510

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
104127-0410 MOLEX11-104127-0410 Datasheet
39Kb / 1P
   IllumiMate??1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row,
104127-0510 MOLEX11-104127-0510 Datasheet
39Kb / 1P
   IllumiMate??1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row,
1041411010 MOLEX1-1041411010 Datasheet
32Kb / 1P
   IllumiMate 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1041930610 MOLEX1-1041930610 Datasheet
49Kb / 1P
   IllumiMate 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1041270620 MOLEX1-1041270620 Datasheet
46Kb / 2P
   IllumiMate 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1041270410 MOLEX1-1041270410 Datasheet
32Kb / 2P
   IllumiMate 1.00mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1040911520 MOLEX1-1040911520 Datasheet
33Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1041300510 MOLEX1-1041300510 Datasheet
32Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1040912520 MOLEX1-1040912520 Datasheet
32Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
1040910520 MOLEX1-1040910520 Datasheet
31Kb / 2P
   IllumiMate 1.25mm Pitch Wire-to-Board Header, Surface Mount, Single Row
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com