Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC0805L201R020 Datasheet(PDF) 3 Page - Kemet Corporation

Part # VC0805L201R020
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC0805L201R020 Datasheet(HTML) 3 Page - Kemet Corporation

  VC0805L201R020 Datasheet HTML 1Page - Kemet Corporation VC0805L201R020 Datasheet HTML 2Page - Kemet Corporation VC0805L201R020 Datasheet HTML 3Page - Kemet Corporation VC0805L201R020 Datasheet HTML 4Page - Kemet Corporation VC0805L201R020 Datasheet HTML 5Page - Kemet Corporation VC0805L201R020 Datasheet HTML 6Page - Kemet Corporation VC0805L201R020 Datasheet HTML 7Page - Kemet Corporation VC0805L201R020 Datasheet HTML 8Page - Kemet Corporation VC0805L201R020 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Environmental Compliance
RoHS 2 2011/65/EC, REACH
Performance Characteristics
Continuous
Units
Value
Steady State Applied Voltage
DC Voltage Range (V
dc)
V
3 to 170
AC Voltage Range (V
rms)
V
2 to 130
Transient
Peak Single Pulse Surge Current, 8/20 µs Waveform (I
max)
A
30 to 1200
Single Pulse Surge Energy, 10/1000 µs Waveform (W
max)
J
0.1 to 12.2
Operating Ambient Temperature
°C
−55to+125
Storage Temperature Range
°C
−55to+150
ThresholdVoltageTemperatureCoefficient
%/°C
<+0.05
Response Time
ns
< 2
Climatic Category
55/125/56
Qualifications
Reliability Parameter
Test
Tested According to
Condition to be Satisfied
after Testing
AC/DC Bias Reliability
AC/DC Life Test
CECC 42200, Test 4.20 or IEC 1051–1, Test 4.20.
AEC–Q200 Test 8 – 1,000 hours at UCT
Vn (1 mA)| < 10 %
Pulse Current Capability
I
max 8/20 µs
CECC 42200, Test C 2.1 or IEC 1051–1, Test 4.5.
10 pulses in the same direction at 2 pulses per minute
at maximum peak current for 10 pulses
Vn (1 mA)| < 10 %
no visible damage
Pulse Energy Capability
W
max 10/1,000 µs
CECC 42200, Test C 2.1 or IEC 1051–1, Test 4.5. 10
pulses in the same direction at 1 pulses every 2
minutes at maximum peak current for 10 pulses
Vn (1 mA)| < 10 %
no visible damage
WLD Capability
WLD x 10
ISO 7637, Test pulse 5, 10 pulses at rate 1 per minute
Vn (1 mA)| < 15 %
no visible damage
V
jump Capability
V
jump 5 min
IncreaseofsupplyvoltagetoV≥V
jump for 1 minute
Vn (1 mA)| < 15 %
no visible damage


Similar Part No. - VC0805L201R020

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC080503A100 AVX-VC080503A100 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080503A100 AVX-VC080503A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080503A100 AVX-VC080503A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080503A100 AVX-VC080503A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080503A100 AVX-VC080503A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC0805L201R020

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com