Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65623-682LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY65623-682LF
Description  GPS/GLONASS/Galileo/Compass Low-Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65623-682LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY65623-682LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65623-682LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SKY65623-682LF: GPS/GLONASS/GALILEO/COMPASS LOW-NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
May 3, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203565G
Evaluation Board Description
The SKY65623-682LF Evaluation Board is used to test the
performance of the SKY65623-682LF LNA. An application
schematic diagram is shown in Figure 3. Table 6 provides the Bill
of Materials (BOM) list for Evaluation Board components. An
assembly drawing for the Evaluation Board is shown in Figure 4.
Evaluation Board layer details are shown in Figure 5, and the layer
detail physical characteristics are shown in Figure 6.
Package Dimensions
The PCB layout footprint for the SKY65623-682LF is provided in
Figure 7. The typical part marking for the SKY65623-682LF is
shown in Figure 8. Package dimensions for the 5-pin QFN are
shown in Figure 9, and tape and reel dimensions are provided in
Figure 10.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKY65623-682LF is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
1
2
5
4
3
RF_IN
ENABLE
RF_OUT
VCC
L1
13 nH
C1
15 pF
RF Input
SMA Edge Mount
RF Input
SMA Edge Mount
LNA Enable
VCC
203565-003
Figure 3. SKY65623-682LF Application Schematic


Similar Part No. - SKY65623-682LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65623-682LF SKYWORKS-SKY65623-682LF Datasheet
190Kb / 2P
   GPS/GLONASS/Galileo/BDS Low-Noise Amplifier
SKY65623-682LF-EVB SKYWORKS-SKY65623-682LF-EVB Datasheet
645Kb / 8P
   GPS/GLONASS/Galileo/Compass radio receivers
SKY65623-682LF_017 SKYWORKS-SKY65623-682LF_017 Datasheet
645Kb / 8P
   GPS/GLONASS/Galileo/Compass radio receivers
More results

Similar Description - SKY65623-682LF

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL21G ASB-ASL21G Datasheet
3Mb / 35P
   Low Noise GPS, GLONASS, Galileo,Compass Amplifier
January 2017
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL20G ASB-ASL20G_13 Datasheet
710Kb / 10P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
September 2013
ASL21X ASB-ASL21X_17 Datasheet
2Mb / 23P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
logo
NXP Semiconductors
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU6009 NXP-BGU6009 Datasheet
154Kb / 10P
   Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
BGU6005 NXP-BGU6005 Datasheet
118Kb / 10P
   Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 2-31 January 2017
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com