Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66293-21 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY66293-21
Description  3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66293-21 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY66293-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATA SHEET • SKY66293-21: 3400 TO 3800 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203905D
–21
–20
–19
–18
–17
–16
3550
3570
35903610
3630
3650
3670
36903710
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 15. Input Return Loss vs Frequency Across Temperature
(Small Signal, PIN = -20 dBm)
–17
–16
–15
–14
–13
–12
–11
–10
–9
3550
3570
35903610
3630
3650
3670
36903710
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 16. Output Return Loss vs Frequency Across Temperature
(Small Signal, PIN = -20 dBm)


Similar Part No. - SKY66293-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66293-21

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
   3300 - 3800 MHz 4 W High-Efficiency Amplifier
logo
Skyworks Solutions Inc.
SKY65806-636LF SKYWORKS-SKY65806-636LF Datasheet
141Kb / 2P
   Ultra-High-Band 3400 to 3800 MHz Low-Noise Amplifier
logo
TriQuint Semiconductor
QPA9842 TRIQUINT-QPA9842 Datasheet
645Kb / 8P
   3400 - 3800 MHz 1/4W Balanced Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
logo
Molex Electronics Ltd.
735912040 MOLEX-735912040 Datasheet
314Kb / 1P
   SMSJ CIRCULATOR/3400~3800 MHZ/CW
2022/03/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com