Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66293-21 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY66293-21
Description  1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66293-21 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY66293-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DATA SHEET • SKY66291-11: 1805 TO 1880 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203161E
Layer 1
Layer 2
Layer 3
Layer 4
Figure 19. Evaluation Board Layer Details
Cross Section
Name
Thickness (mm)
Materials
TMask
L1
Dielectric
L2
Dielectric
L3
Dielectric
L4
BMask
0.010
0.035
0.250
0.035
0.350
0.035
0.250
0.035
0.010
Solder Resist
Cu, 1 oz.
R04350
Cu, 1 oz.
FR4
Cu, 1 oz.
FR4
Cu, 1 oz.
Solder Resist
50 Ohm
W = 0.500 mm
203161c-020
Figure 20. Layer Detail Physical Characteristics


Similar Part No. - SKY66293-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66293-21

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
QPA9903 QORVO-QPA9903 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTFB183404E INFINEON-PTFB183404E_16 Datasheet
911Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04.1, 2016-06-10
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com