Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66298-11 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY66298-11
Description  2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66298-11 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY66298-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DATA SHEET • SKY66294-11: 2000 TO 2300 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203285E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
3
Table 3. SKY66294-11 Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
RF input power (CW)
PIN
+10
dBm
Supply voltage (VCC1, VCC2, VCC3, VBIAS)
VCC
5.5
V
PA enable
VEN
3
V
Operating temperature
TC
40
+100
C
Storage temperature
TST
55
+125
C
Junction temperature
TJ
+150
C
Power dissipation
PD
1.4
W
Device thermal resistance
JC
16.7
C/W
Electrostatic discharge:
Charged Device Model (CDM)
Human Body Model (HBM)
ESD
500
1000
V
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set
at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
ESD HANDLING: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device.
This device must be protected at all times from ESD when handling or transporting. Static charges may easily produce
potentials of several kilovolts on the human body or equipment, which can discharge without detection.
Industry-standard ESD handling precautions should be used at all times.
Table 4. SKY66294-11 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply voltage (VCC1, VCC2, VCC3, VBIAS)
VCC1, VCC2, VCC3, VBIAS
4.75
5
5.25
V
PA enable:
ON
OFF
PAEN
1.7
2.0
0
2.5
0.5
V
V
PA enable current
IENABLE
1
12
A
Operating frequency
f
2000
2300
MHz
Operating temperature
TC
40
+25
+85
C


Similar Part No. - SKY66298-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66298-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
SKY66394-11 SKYWORKS-SKY66394-11 Datasheet
1Mb / 14P
   2000 to 2300 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Qorvo, Inc
QPA9940 QORVO-QPA9940_V01 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
Aug 10th, 2021
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
logo
Stealth Microwave, Inc.
SM2023-41L STEALTH_MICROWAVE-SM2023-41L Datasheet
90Kb / 2P
   2000-2300 MHz 12W Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
logo
Stealth Microwave, Inc.
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com