Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66288-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY66288-11
Description  3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66288-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY66288-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66288-11 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DATA SHEET • SKY66293-21: 3400 TO 3800 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203905D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
7
Evaluation Board Description
The SKY66293-21 Evaluation Board is used to test the
performance of the SKY66293-21 PA. An Evaluation Board
schematic is provided in Figure 17. Table 6 provides the Bill of
Materials (BOM) list for Evaluation Board components.
An assembly drawing for the Evaluation Board is shown in
Figure 18. Board layer details are shown in Figure 19. Layer detail
physical characteristics are noted in Figure 20.
Circuit Design Considerations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
 Paths to ground should be made as short as possible.
 The ground pad of the SKY66293-21 has special electrical and
thermal grounding requirements. This pad is the main thermal
conduit for heat dissipation. Because the circuit board acts as
the heat sink, it must shunt as much heat as possible from the
device.
Therefore, design the connection to the ground pad to dissipate
the maximum wattage produced by the circuit board. Multiple
vias to the grounding layer are required.
NOTE: A poor connection between the ground pad and ground
increases junction temperature (TJ), which reduces the life of the
device.
Evaluation Board Test Procedure
Turn-On Sequence
1. Connect 50
 Test Equipment or Load to the input and output
RF ports of the Evaluation Board.
2. Connect the DC ground.
3. Connect all VCCs and VBIAS lines to a +5 V supply. Connect
PAEN to a 2.0 V supply.
4. Without applying RF, turn on the 5 V supply, then turn on the
2 V PAEN.
5. Apply RF signal data at –30 dBm and observe that the gain of
the device complies with values in Table 5. Begin
measurements.
Turn-Off Sequence
1. Turn off the RF input to the device.
2. Turn off PAEN (set to 0 V).
3. Turn off all VCCs and VBIAS.
NOTE: It is important to adjust the VCC voltage sources so that
+5 V is measured at the board. High collector currents drop the
collector voltage significantly if long leads are used. Adjust the
bias voltage to compensate.
1
GND
2
GND2
3
4
GND1
C11
C10
11
9
10
C3
C6
C7
C8
RFOUT
17
12
13
14
15
16
RFIN
203905-017
J8
RFOUT
GND5
GND6
VCC3
8
7
6
C4
5
J7
SMA
GND_PAD
VBIAS
PAEN
SKY66293
C9
C12
U1
VCC3
VCC2
VCC1
VBIAS
C1
PAEN
1
2
3
4
5
6
7
8
8-Pin Header
VCC3
VCC2
VCC1
L1
Note: The L1 component shown in this assembly is DNI.
Figure 17. SKY66293-21 Evaluation Board Schematic


Similar Part No. - SKY66288-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66288-11 SKYWORKS-SKY66288-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66288-11 SKYWORKS-SKY66288-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66288-11 SKYWORKS-SKY66288-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66288-11 SKYWORKS-SKY66288-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66288-11 SKYWORKS-SKY66288-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66288-11

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
   3300 - 3800 MHz 4 W High-Efficiency Amplifier
logo
Skyworks Solutions Inc.
SKY65806-636LF SKYWORKS-SKY65806-636LF Datasheet
141Kb / 2P
   Ultra-High-Band 3400 to 3800 MHz Low-Noise Amplifier
logo
TriQuint Semiconductor
QPA9842 TRIQUINT-QPA9842 Datasheet
645Kb / 8P
   3400 - 3800 MHz 1/4W Balanced Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
logo
Molex Electronics Ltd.
735912040 MOLEX-735912040 Datasheet
314Kb / 1P
   SMSJ CIRCULATOR/3400~3800 MHZ/CW
2022/03/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com