Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66292-11-EVB Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY66292-11-EVB
Description  2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66292-11-EVB Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY66292-11-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66292-11-EVB Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DATA SHEET • SKY66292-11: 2300 TO 2400 MHz HIGH EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203282E
POUT (dBm)
0
250
500
750
1000
1250
1500
1750
2000
2250
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
2300 MHz
2350 MHz
2400 MHz
Figure 9. Operating Current vs POUT Across Frequency
-55
-53
-51
-49
-47
-45
2300
2325
2350
2375
2400
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 11. 2nd Harmonic vs Frequency Across Temperature
@ POUT = +28 dBm (CW)
Frequency (MHz)
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
36.5
37.0
37.5
2300
2320
2340
2360
2380
2400
–40 °C
+25 °C
+85 °C
Figure 13. Small Signal Gain vs Frequency Across Temperature
(PIN = −30 dBm)
POUT (dBm)
0
250
500
750
1000
1250
1500
1750
2000
2250
4
7
10
13
16
19
22
25
28
31
34
37
–40 °C
+25 °C
+85 °C
Figure 10. Operating Current vs POUT Across Temperature
2300
2325
2350
2375
2400
Frequency (MHz)
-58
-56
-54
-52
-50
-48
–40 °C
+25 °C
+85 °C
Figure 12. 3rd Harmonic vs Frequency Across Temperature
@ POUT = +28 dBm(CW)
Frequency (MHz)
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
1000
1500
2000
2500
3000
3500
4000
Figure 14. Wide Band Small Signal Gain vs Frequency
(PIN = –30 dBm)


Similar Part No. - SKY66292-11-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66292-11-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66312-11 SKYWORKS-SKY66312-11 Datasheet
1Mb / 15P
   2300 to 2400 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
April 18, 2022
logo
Qorvo, Inc
QPA9940 QORVO-QPA9940_V01 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
Aug 10th, 2021
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
logo
Tyco Electronics
PA1159 MACOM-PA1159 Datasheet
61Kb / 1P
   2300-2400 MHz. Ultra Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com