Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66299-11 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY66299-11
Description  2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66299-11 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY66299-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DATA SHEET • SKY66294-11: 2000 TO 2300 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203285E
Table. 6. SKY66294-11 Evaluation Board Bill of Materials (BOM)
Component
Description
Size
C1
Resistor, 0
, 0.063 W
0402
C3
Ceramic capacitor, 1
F, 16 V, ±10%
0402
C4, C7, C9, C11
Ceramic capacitor, 3300 pF, X7R, ±10%, 50 V
0402
C6
Ceramic capacitor, 100 pF
0402
C8, C10, C12
Ceramic capacitor, 10
F, 16 V, ±10% , X7R
1206
L1
DNI
0402
TW21-D690-021
Evaluation Board
J8
J19
C12
C10
C6
C8
C7
C11
C1
L1
C4
C3
U1
C9
J1
203285B-021
PAEN VBIAS GND VCC1 GND VCC2 GND VCC3
Notes:
1. Evaluation Board Gerber files are available on request.
2. The C1 component shown in this assembly is a 0
Ω resistor.
3. The L1 component shown in this assembly is DNI.
RF IN
RF OUT
Figure 21. Evaluation Board Assembly Drawing


Similar Part No. - SKY66299-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66299-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
SKY66394-11 SKYWORKS-SKY66394-11 Datasheet
1Mb / 14P
   2000 to 2300 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Qorvo, Inc
QPA9940 QORVO-QPA9940_V01 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
Aug 10th, 2021
QPA9940 QORVO-QPA9940 Datasheet
1Mb / 14P
   2300-2400MHz 4 W High-Efficiency Amplifier
logo
Stealth Microwave, Inc.
SM2023-41L STEALTH_MICROWAVE-SM2023-41L Datasheet
90Kb / 2P
   2000-2300 MHz 12W Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
logo
Stealth Microwave, Inc.
SM2023-37H STEALTH_MICROWAVE-SM2023-37H Datasheet
89Kb / 2P
   2000-2300 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com