Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66294-11 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY66294-11
Description  2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66294-11 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY66294-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66294-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DATA SHEET • SKY66297-11: 2490 TO 2690 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203323E
1
2
3
4
5
6
78
9
10
11
12
GND
RFIN
GND
GND
RFOUT
GND
GND
VCC3
203323C-002
16
15
14
13
Figure 2. SKY66297-11 Pinout
(Top View)
Table 2. SKY66297-11 Signal Descriptions1
Pin
Name
Description
Pin
Name
Description
1
GND
Ground
9
RFOUT
RF output port
2
RFIN
RF input port
10
GND
Ground
3
GND
Ground
11
GND
Ground
4
GND
Ground
12
VCC3
Stage 3 collector voltage
5
VBIAS
Bias voltage
13
GND
Ground
6
PAEN
PA enable
14
VCC2
Stage 2 collector voltage
7
GND
Ground
15
GND
Ground
8
GND
Ground
16
VCC1
Stage 1 collector voltage
1 The center ground pad must have a low inductance and low thermal resistance connection to the application’s printed circuit board ground plane.
Technical Description
The matching circuits are contained within the device. An on-chip
active bias circuit is included within the device for both input and
output stages, which provides excellent gain tracking over
temperature and voltage variations.
The SKY66297-11 is internally matched for maximum output
power and efficiency. The input and output stages are
independently supplied using the VCC1, VCC2, and VCC3 supply
lines (pins 16, 14, and 12, respectively). The DC control voltage
that sets the bias is supplied by the VBIAS signal (pin 5).
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY66297-11 are provided
in Table 3. Recommended operating conditions are specified in
Table 4 and electrical specifications are provided in Table 5.
Typical performance characteristics are shown in Figures 3
through 16.


Similar Part No. - SKY66294-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66294-11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC261002FC INFINEON-PXAC261002FC Datasheet
162Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
Rev. 03.3, 2016-06-15
logo
Skyworks Solutions Inc.
SKY66317-11 SKYWORKS-SKY66317-11 Datasheet
2Mb / 15P
   2496 to 2690 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
July 7, 2020
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
logo
Cree, Inc
PXAC261002FC CREE-PXAC261002FC Datasheet
634Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
logo
Cree, Inc
GTRA262802FC CREE-GTRA262802FC Datasheet
497Kb / 9P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com