Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66297-11 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY66297-11
Description  700 to 800 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66297-11 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY66297-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203931B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
1
DATA SHEET
SKY66296-11: 700 to 800 MHz High-Efficiency
4 W Power Amplifier
Applications
 FDD and TDD 2G/3G/4G LTE systems
 3GPP bands 12, 13, 14, 17, 29, and 44 small cell base stations
 Driver amplifier for micro-base and macro-base stations
 Active antenna array and massive MIMO
Features
 High efficiency: PAE = 43% @ +28 dBm
 High linearity: +28 dBm with < 50 dBc linearized ACLR
(20 MHz LTE, 8.5 dB PAR signal)
 High gain: 35 dB
 Excellent input and output return loss: to 50  system
 Integrated active bias: performance compensated over temp
 Integrated enable On/Off function: PAEN = 1.7 to 2.5 V
 Single supply voltage: 5.0 V
 Pin-to-pin compatible PA family supporting all 3GPP bands
 Compact (16-pin, 5  5  1.3 mm) package
(MSL3, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
VCC1
VCC3
VBIAS PAEN
Active Bias
RFIN
RFOUT
Stage 1
PA
Stage2
PA
Input
Match
Output
Match
203931-001
Figure 1. SKY66296-11 Block Diagram
Description
The SKY66296-11 is a high-efficiency fully input/output matched
power amplifier (PA) with high gain and linearity. The compact
5
 5 mm PA is designed for FDD and TDD 2G/3G/4G LTE small
cell base stations operating from 700 to 800 MHz. The active
biasing circuitry is integrated to compensate PA performance over
temperature, voltage, and process variation.
The SKY66296-11 is part of high-efficiency, pin-to-pin compatible
PA family supporting all 3GPP bands.
A block diagram of the SKY66296-11 is shown in Figure 1. The
device package and pinout for the 16-pin device are shown in
Figure 2. Table 1 lists the pin-to-pin compatible parts in the PA
family. Signal pin assignments and functional pin descriptions are
described in Table 2.
Table 1. Pin-to-Pin Compatible PA Family
Part Number
Frequency (MHz)
3GPP Band
SKY66296-11
700 to 800
Bands 12, 13, 14, 17, 29, and 44
SKY66289-11
791 to 821
Band 20
SKY66295-11
800 to 900
Bands 5, 18, 19, 20, 26 and 27
SKY66298-11
900 to 990
Band 8
SKY66291-11
1805 to 1880
Bands 3 and 9
SKY66299-11
1900 to 2000
Bands 2, 25, 33, 36, and 37
SKY66294-11
2000 to 2300
Bands 1, 4, 10, and 23
SKY66292-11
2300 to 2400
Bands 30 and 40
SKY66297-11
2490 to 2690
Bands 7, 38, and 41
SKY66293-21
3400 to 3800
CBRS, Bands 22, 42, 43, and 48
SKY66288-11
5150 to 5925
Band 46


Similar Part No. - SKY66297-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66297-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
   700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
   1.2 W High Efficiency Power Amplifier 800 - 960 MHz
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com