Electronic Components Datasheet Search |
|
T496D227M016AHE500 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T496D227M016AHE500 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2010_T496 • 9/22/2016 55 Tantalum Surface Mount Capacitors – Fused T496 Series Fused MnO 2 Table 1 – Ratings & Part Number Reference 1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates Termination Finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85ºC µF KEMET/EIA (See below for part options) µA at +20ºC Max/5 Min % at +20ºC 120 Hz % Max mΩ at +20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC 4 68 C/6032-28 T496C686(1)004A(2)E1K6 2.7 6.0 1600 262 236 105 125 1 4 68 C/6032-28 T496C686(1)004A(2)E400 2.7 6.0 400 524 472 210 125 1 4 100 C/6032-28 T496C107(1)004A(2)E1K2 4.0 8.0 1200 303 273 121 125 1 4 150 D/7343-31 T496D157(1)004A(2)E800 6.0 8.0 800 433 390 173 125 1 4 150 C/6032-28 T496C157(1)004A(2)E1K2 6.0 8.0 1200 303 273 121 125 1 4 220 D/7343-31 T496D227(1)004A(2)E700 8.8 8.0 700 463 417 185 125 1 4 220 D/7343-31 T496D227(1)004A(2)E400 8.8 8.0 400 612 551 245 125 1 4 330 D/7343-31 T496D337(1)004A(2)E700 13.2 8.0 700 463 417 185 125 1 4 330 D/7343-31 T496D337(1)004A(2)E400 13.2 8.0 400 612 551 245 125 1 4 330 X/7343-43 T496X337(1)004A(2)E700 13.2 8.0 700 486 437 194 125 1 4 470 X/7343-43 T496X477(1)004A(2)E500 18.8 8.0 500 574 517 230 125 1 6.3 4.7 B/3528-21 T496B475(1)006A(2)E3K5 0.3 6.0 3500 156 140 62 125 1 6.3 6.8 B/3528-21 T496B685(1)006A(2)E3K5 0.4 6.0 3500 156 140 62 125 1 6.3 10 B/3528-21 T496B106(1)006A(2)E3K5 0.6 6.0 3500 156 140 62 125 1 6.3 15 C/6032-28 T496C156(1)006A(2)E2K0 0.9 6.0 2000 235 212 94 125 1 6.3 22 B/3528-21 T496B226(1)006A(2)E3K5 1.4 6.0 3500 156 140 62 125 1 6.3 22 B/3528-21 T496B226(1)006A(2)E1K5 1.4 6.0 1500 238 214 95 125 1 6.3 22 C/6032-28 T496C226(1)006A(2)E2K0 1.4 6.0 2000 235 212 94 125 1 6.3 33 C/6032-28 T496C336(1)006A(2)E2K0 2.1 6.0 2000 235 212 94 125 1 6.3 33 C/6032-28 T496C336(1)006A(2)E600 2.1 6.0 600 428 385 171 125 1 6.3 47 C/6032-28 T496C476(1)006A(2)E1K6 3.0 6.0 1600 262 236 105 125 1 6.3 47 C/6032-28 T496C476(1)006A(2)E600 3.0 6.0 600 428 385 171 125 1 6.3 47 D/7343-31 T496D476(1)006A(2)E1K0 3.0 6.0 1000 387 348 155 125 1 6.3 68 C/6032-28 T496C686(1)006A(2)E1K2 4.3 6.0 1200 303 273 121 125 1 6.3 68 D/7343-31 T496D686(1)006A(2)E1K0 4.3 6.0 1000 387 348 155 125 1 6.3 100 X/7343-43 T496X107(1)006A(2)E900 6.3 8.0 900 428 385 171 125 1 6.3 100 X/7343-43 T496X107(1)006A(2)E300 6.3 8.0 300 742 668 297 125 1 6.3 100 D/7343-31 T496D107(1)006A(2)E800 6.3 8.0 800 433 390 173 125 1 6.3 100 D/7343-31 T496D107(1)006A(2)E400 6.3 8.0 400 612 551 245 125 1 6.3 100 C/6032-28 T496C107(1)006A(2)E400 6.3 8.0 400 524 472 210 125 1 6.3 150 X/7343-43 T496X157(1)006A(2)E300 9.5 8.0 300 742 668 297 125 1 6.3 150 D/7343-31 T496D157(1)006A(2)E700 9.5 8.0 700 463 417 185 125 1 6.3 150 D/7343-31 T496D157(1)006A(2)E300 9.5 8.0 300 707 636 283 125 1 6.3 220 X/7343-43 T496X227(1)006A(2)E700 13.9 8.0 700 486 437 194 125 1 6.3 220 X/7343-43 T496X227(1)006A(2)E300 13.9 8.0 300 742 668 297 125 1 6.3 220 D/7343-31 T496D227(1)006A(2)E700 13.9 8.0 700 463 417 185 125 1 6.3 220 D/7343-31 T496D227(1)006A(2)E300 13.9 8.0 300 707 636 283 125 1 6.3 330 X/7343-43 T496X337(1)006A(2)E500 20.8 8.0 500 574 517 230 125 1 6.3 330 X/7343-43 T496X337(1)006A(2)E300 20.8 8.0 300 742 668 297 125 1 10 3.3 B/3528-21 T496B335(1)010A(2)E3K5 0.3 6.0 3500 156 140 62 125 1 10 4.7 B/3528-21 T496B475(1)010A(2)E3K5 0.5 6.0 3500 156 140 62 125 1 10 6.8 B/3528-21 T496B685(1)010A(2)E3K5 0.7 6.0 3500 156 140 62 125 1 10 10 C/6032-28 T496C106(1)010A(2)E2K0 1.0 6.0 2000 235 212 94 125 1 10 15 B/3528-21 T496B156(1)010A(2)E3K5 1.5 6.0 3500 156 140 62 125 1 10 15 C/6032-28 T496C156(1)010A(2)E2K0 1.5 6.0 2000 235 212 94 125 1 10 15 C/6032-28 T496C156(1)010A(2)E600 1.5 6.0 600 428 385 171 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA at +20ºC Max/5 Min % at +20ºC 120 Hz % Max mΩ at +20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T496D227M016AHE500 |
|
Similar Description - T496D227M016AHE500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |