Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13525-646LF-EVB Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY13525-646LF-EVB
Description  0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13525-646LF-EVB Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY13525-646LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13525-646LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202903F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 28, 2016
1
DATA SHEET
SKY13525-646LF: 0.4 to 2.7 GHz SP6T LTE Transmit/Receive
Switch with MIPI RFFE Interface
Applications
 2G/3G/4G multimode cellular tablets and handsets (LTE, UMTS,
CDMA2000, EDGE)
 Embedded data cards
Features
 Broadband frequency range: 0.4 to 2.7 GHz
 Low insertion loss and high linearity
 High isolation: 20 dB up to 2.7 GHz
 External MIPI select pin
 Six linear TRX ports with isolation greater than 20 dB
@ 2.7 GHz
 Small QFN (14-pin, 2 x 2 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SKY13525-646LF is a single-pole, six-throw (SP6T) antenna
switch with a Mobile Industry Processor Interface (MIPI).
Using advanced switching technologies, the SKY13525-646LF
maintains low insertion loss and high isolation for both transmit
and receive switching paths. The high linearity performance and
low insertion loss achieved by the SKY13525-646LF makes it an
ideal choice for UMTS, CDMA2000, EDGE, and LTE applications.
MIPI Decoder
TRX4
TRX5
TRX2
TRX3
TRX6
ANT
TRX1
Figure 1. SKY13525-646LF Block Diagram
Depending on the logic applied to the decoder, the antenna pin is
connected to one of six switched RF ports using a low insertion
loss path, while the paths between the antenna pin and the other
RF pins are in a high isolation state. Switching is controlled by the
MIPI decoder. There is an external MIPI select pin that enables
how the switch responds to power mode triggers. When this pin is
grounded, the switch responds to any of the power mode triggers.
When this pin is left open, the switch responds to individual
power mode triggers. No external DC blocking capacitors are
required on the RF paths as long as no DC voltage is applied.
The SKY13525-646LF is manufactured in a compact,
2 x 2 mm, 14-pin surface mount Quad Flat No-Lead (QFN)
package.
A functional block diagram is shown in Figure 1. The pin
configuration and package are shown in Figure 2. Signal pin
assignments and functional pin descriptions are provided in
Table 1.


Similar Part No. - SKY13525-646LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
   0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
   0.7 to 3.0 GHz High-Isolation SP3T Switch
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13524-639LF-EVB SKYWORKS-SKY13524-639LF-EVB Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results

Similar Description - SKY13525-646LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13594-666LF SKYWORKS-SKY13594-666LF Datasheet
181Kb / 2P
   3P4T Transmit/Receive LTE Switch with MIPI RFFE Compatibility
logo
Will Semiconductor Ltd.
WS7806QM WILLSEMI-WS7806QM Datasheet
564Kb / 12P
   0.1GHz??GHz SP6T Diversity Antenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGS16MN14 INFINEON-BGS16MN14 Datasheet
1Mb / 17P
   SP6T Diversity Antenna Switch with MIPI RFFE Interface
logo
Will Semiconductor Ltd.
WS7808QM WILLSEMI-WS7808QM Datasheet
565Kb / 12P
   0.1GHz??GHz SP8TDiversityAntenna Switch with MIPI RFFE Interface
logo
Skyworks Solutions Inc.
SKY13551-668LF SKYWORKS-SKY13551-668LF Datasheet
717Kb / 16P
   0.4 to 3.8 GHz DP10T (SP5T/SP5T) Main/Receive Diversity Switch with MIPI RFFE Interface for Carrier Aggregation
SKY13550-667LF SKYWORKS-SKY13550-667LF Datasheet
704Kb / 16P
   0.4 to 3.8 GHz DP8T (SP4T/SP4T) Main/Receive Diversity Switch with MIPI RFFE Interface for Carrier Aggregation
SKYA21054 SKYWORKS-SKYA21054 Datasheet
681Kb / 18P
   Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGSX44MA12 INFINEON-BGSX44MA12 Datasheet
422Kb / 17P
   4P4T Rx Switch with MIPI RFFE Interface
Revision 2.2 2018-05-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com