Electronic Components Datasheet Search |
|
NAND01GW4A2CV6 Datasheet(PDF) 7 Page - STMicroelectronics |
|
NAND01GW4A2CV6 Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 57 page 7/57 NAND128-A, NAND256-A, NAND512-A, NAND01G-A SUMMARY DESCRIPTION The NAND Flash 528 Byte/ 264 Word Page is a family of non-volatile Flash memories that uses the Single Level Cell (SLC) NAND cell technology. It is referred to as the Small Page family. The de- vices range from 128Mbits to 1Gbit and operate with either a 1.8V or 3V voltage supply. The size of a Page is either 528 Bytes (512 + 16 spare) or 264 Words (256 + 8 spare) depending on whether the device has a x8 or x16 bus width. The address lines are multiplexed with the Data In- put/Output signals on a multiplexed x8 or x16 In- put/Output bus. This interface reduces the pin count and makes it possible to migrate to other densities without changing the footprint. Each block can be programmed and erased over 100,000 cycles. To extend the lifetime of NAND Flash devices it is strongly recommended to imple- ment an Error Correction Code (ECC). A Write Protect pin is available to give a hardware protec- tion against program and erase operations. The devices feature an open-drain Ready/Busy output that can be used to identify if the Program/ Erase/Read (P/E/R) Controller is currently active. The use of an open-drain output allows the Ready/ Busy pins from several memories to be connected to a single pull-up resistor. A Copy Back command is available to optimize the management of defective blocks. When a Page Program operation fails, the data can be pro- grammed in another page without having to re- send the data to be programmed. The devices are available in the following packag- es: ■ TSOP48 12 x 20mm for all products ■ USOP48 12 x 17 x 0.65mm for 128Mb, 256Mb and 512Mb products ■ VFBGA55 (8 x 10 x 1mm, 6 x 8 ball array, 0.8mm pitch) for 128Mb and 256Mb products ■ TFBGA55 (8 x 10 x 1.2mm, 6 x 8 ball array, 0.8mm pitch) for 512Mb Dual Die product ■ VFBGA63 (9 x 11 x 1mm, 6 x 8 ball array, 0.8mm pitch) for the 512Mb product ■ TFBGA63 (9 x 11 x 1.2mm, 6 x 8 ball array, 0.8mm pitch) for the 1Gb Dual Die product Two options are available for the NAND Flash family: Chip Enable Don’t Care, which allows code to be directly downloaded by a microcontroller, as Chip Enable transitions during the latency time do not stop the read operation. A Serial Number, which allows each device to be uniquely identified. The Serial Number options is subject to an NDA (Non Disclosure Agreement) and so not described in the datasheet. For more details of this option contact your nearest ST Sales office. For information on how to order these options refer to Table 28., Ordering Information Scheme. De- vices are shipped from the factory with Block 0 al- ways valid and the memory content bits, in valid blocks, erased to ’1’. See Table 2., Product Description, for all the de- vices available in the family. |
Similar Part No. - NAND01GW4A2CV6 |
|
Similar Description - NAND01GW4A2CV6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |