Electronic Components Datasheet Search |
|
T496C227M006AHE5007280 Datasheet(PDF) 8 Page - Kemet Corporation |
|
T496C227M006AHE5007280 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2010_T496 • 9/22/2016 88 Tantalum Surface Mount Capacitors – Fused T496 Series Fused MnO 2 Table 1 – Ratings & Part Number Reference cont'd 1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates Termination Finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85ºC µF KEMET/EIA (See below for part options) µA at +20ºC Max/5 Min % at +20ºC 120 Hz % Max mΩ at +20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC 35 1 B/3528-21 T496B105(1)035A(2)E5K0 0.4 4.0 5000 130 117 52 125 1 35 1 B/3528-21 T496B105(1)035A(2)E3K1 0.4 4.0 3100 166 149 66 125 1 35 1.5 C/6032-28 T496C155(1)035A(2)E4K5 0.5 6.0 4500 156 140 62 125 1 35 1.5 C/6032-28 T496C155(1)035A(2)E2K6 0.5 6.0 2600 206 185 82 125 1 35 2.2 C/6032-28 T496C225(1)035A(2)E3K5 0.8 6.0 3500 177 159 71 125 1 35 2.2 C/6032-28 T496C225(1)035A(2)E1K6 0.8 6.0 1600 262 236 105 125 1 35 3.3 C/6032-28 T496C335(1)035A(2)E2K5 1.2 6.0 2500 210 189 84 125 1 35 3.3 C/6032-28 T496C335(1)035A(2)E900 1.2 6.0 900 350 315 140 125 1 35 4.7 D/7343-31 T496D475(1)035A(2)E1K5 1.6 6.0 1500 316 284 126 125 1 35 4.7 D/7343-31 T496D475(1)035A(2)E700 1.6 6.0 700 463 417 185 125 1 35 6.8 D/7343-31 T496D685(1)035A(2)E1K3 2.4 6.0 1300 340 306 136 125 1 35 6.8 D/7343-31 T496D685(1)035A(2)E750 2.4 6.0 750 447 402 179 125 1 35 10 X/7343-43 T496X106(1)035A(2)E1K0 3.5 6.0 1000 406 365 162 125 1 35 10 X/7343-43 T496X106(1)035A(2)E500 3.5 6.0 500 574 517 230 125 1 35 10 D/7343-31 T496D106(1)035A(2)E400 3.5 6.0 400 612 551 245 125 1 35 15 X/7343-43 T496X156(1)035A(2)E900 5.3 6.0 900 428 385 171 125 1 35 15 X/7343-43 T496X156(1)035A(2)E500 5.3 6.0 500 574 517 230 125 1 35 15 D/7343-31 T496D156(1)035A(2)E500 5.3 6.0 500 548 493 219 125 1 35 22 X/7343-43 T496X226(1)035A(2)E300 7.7 6.0 300 742 668 297 125 1 50 0.15 B/3528-21 T496B154(1)050A(2)E16K 0.1 4.0 16000 73 66 29 125 1 50 0.22 B/3528-21 T496B224(1)050A(2)E14K 0.1 4.0 14000 78 70 31 125 1 50 0.22 B/3528-21 T496B224(1)050A(2)E10K 0.1 4.0 10000 92 83 37 125 1 50 0.33 B/3528-21 T496B334(1)050A(2)E10K 0.2 4.0 10000 92 83 37 125 1 50 0.33 B/3528-21 T496B334(1)050A(2)E2K6 0.2 4.0 2600 181 163 72 125 1 50 0.47 C/6032-28 T496C474(1)050A(2)E8K0 0.2 4.0 8000 117 105 47 125 1 50 0.47 C/6032-28 T496C474(1)050A(2)E1K9 0.2 4.0 1900 241 217 96 125 1 50 0.68 C/6032-28 T496C684(1)050A(2)E7K0 0.3 4.0 7000 125 113 50 125 1 50 0.68 C/6032-28 T496C684(1)050A(2)E1K7 0.3 4.0 1700 254 229 102 125 1 50 1 C/6032-28 T496C105(1)050A(2)E5K5 0.5 4.0 5500 141 127 56 125 1 50 1 C/6032-28 T496C105(1)050A(2)E2K7 0.5 4.0 2700 202 182 81 125 1 50 1.5 C/6032-28 T496C155(1)050A(2)E5K0 0.8 6.0 5000 148 133 59 125 1 50 1.5 C/6032-28 T496C155(1)050A(2)E2K0 0.8 6.0 2000 235 212 94 125 1 50 2.2 D/7343-31 T496D225(1)050A(2)E2K5 1.1 6.0 2500 245 221 98 125 1 50 2.2 D/7343-31 T496D225(1)050A(2)E900 1.1 6.0 900 408 367 163 125 1 50 3.3 D/7343-31 T496D335(1)050A(2)E2K0 1.7 6.0 2000 274 247 110 125 1 50 3.3 D/7343-31 T496D335(1)050A(2)E1K0 1.7 6.0 1000 387 348 155 125 1 50 4.7 X/7343-43 T496X475(1)050A(2)E1K5 2.4 6.0 1500 332 299 133 125 1 50 4.7 X/7343-43 T496X475(1)050A(2)E400 2.4 6.0 400 642 578 257 125 1 50 4.7 D/7343-31 T496D475(1)050A(2)E400 2.4 6.0 400 612 551 245 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA at +20ºC Max/5 Min % at +20ºC 120 Hz % Max mΩ at +20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T496C227M006AHE5007280 |
|
Similar Description - T496C227M006AHE5007280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |