Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBL-SERIES Datasheet(PDF) 1 Page - Mini-Circuits

Part # CBL-SERIES
Description  Coaxial-Flex Test Cables 50??DC to 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CBL-SERIES Datasheet(HTML) 1 Page - Mini-Circuits

  CBL-SERIES Datasheet HTML 1Page - Mini-Circuits CBL-SERIES Datasheet HTML 2Page - Mini-Circuits CBL-SERIES Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Test Cables
MODEL
NO.
CONNECTOR
TYPE
(MALE)
FREQ.
(GHz)
f
L-fU
LENGTH
(FT)
INSERTION LOSS
(dB)
RETURN LOSS
(dB)
CASE
STYLE
PRICE
$
Qty.
(1-9)
CONN 1 CONN 2
DC-2.5
GHz
2.5-6
GHz
6-12
GHz
12-18
GHz
DC-2.5
GHz
2.5-6
GHz
6-12
GHz
12-18
GHz
Typ. Max. Typ. Max. Typ. Max. Typ. Max. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
CBL-2FT-SMSM
SMA
SMA
DC-18
2
0.4
0.6
0.7
0.85
1.1
1.25
1.4
1.6
30
23
30
20
27
17
27
17
GM1006-2
69.95
CBL-3FT-SMSM
SMA
SMA
DC-18
3
0.6
0.8
1.0
1.2
1.5
1.8
1.9
2.25
30
23
30
20
27
17
27
17
GM1006-3
72.95
CBL-6FT-SMSM
SMA
SMA
DC-18
6
1.2
1.4
2.0
2.2
3.0
3.35
3.8
4.3
30
23
30
20
27
17
22
17
GM1006-6
79.95
CBL-2FT-SMNM
SMA
N-TYPE
DC-18
2
0.4
0.6
0.7
0.9
1.1
1.25
1.4
1.6
30
23
30
20
27
17
27
17
GM1105-2
99.95
CBL-3FT-SMNM
SMA
N-TYPE
DC-18
3
0.6
0.8
1.0
1.3
1.5
1.8
1.9
2.25
30
23
30
20
27
17
27
17
GM1105-3
104.95
CBL-6FT-SMNM
SMA
N-TYPE
DC-18
6
1.2
1.4
2.0
2.3
3.0
3.35
3.8
4.3
30
23
30
20
27
17
22
17
GM1105-6
114.95
CBL-2FT-NMNM
N-TYPE
N-TYPE
DC-18
2
0.4
0.6
0.7
0.85
1.1
1.25
1.4
1.6
30
23
30
20
27
17
27
17
GM1106-2
102.95
CBL-3FT-NMNM
N-TYPE
N-TYPE
DC-18
3
0.6
0.8
1.0
1.2
1.5
1.8
1.9
2.25
30
23
30
20
27
17
27
17
GM1106-3
105.95
CBL-6FT-NMNM
N-TYPE
N-TYPE
DC-18
6
1.2
1.4
2.0
2.2
3.0
3.35
3.8
4.3
30
23
30
20
27
17
22
17
GM1106-6
112.95
Features
• wideband coverage, DC to 18 GHz
• extra rugged construction with strain relief for longer life
• stainless steel SMA and Type N connectors for long mating-cycle life
• useful over temperature range, -55°C to 105°C
• triple shield cable for excellent shielding effectiveness
• flexible for easy connection & bend radius
• superior stability of insertion loss, VSWR & phase vs. flexing
• 6 month guarantee*
Applications
• high volume production test stations
• research & development labs
• environmental & temperature test chambers
• replacement for OEM test port cables
• field RF testing
• cellular infrastructure site testing
Electrical Specifications at 25°C
Coaxial-Flex
50
Ω DC to 18 GHz
CBL-SERIES
Maximum Ratings
Operating Temperature
-55°C to 105°C
Storage Temperature
-55°C to 105°C
Custom sizes available, consult factory.
REV. OR
M95941
ED-11835A
CBL-SERIES
BC/TD/CP
041221
Product Guarantee*
Mini-Circuits® will repair or replace your test cable at its
option if the connector attachment fails within six months
of shipment. This guarantee excludes cable or connector
interface damage from misuse or abuse.
Cable Construction
Inner Conductor
Solid Silver Plated Copper Clad Steel
Dielectric
Solid PTFE
Shield
Silver-Plated Copper Flat Ribbon Braid
Aluminum-Polymide Tape Interlayer 36 GA
Silver-Plated Copper Braid (90%k)
Jacket
Clear FEP
Connectors
• passivated stainless steel
• captive contact
• thick wall interface (SMA)
• gold plated beryllium copper center contacts
• PTFE dielectric
Jacket
Interlayer
Shield
Inner
Conductor
Outer Shield
Inner Shield
Dialectric
CBL-NMNM
(N-MALE)
CBL-SMSM
(SMA MALE)
CBL-SMNM
(SMA-N MALE)
IN STOCK
cable cross section
New!


Similar Part No. - CBL-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBL-0.5M-NMNM MINI-CBL-0.5M-NMNM Datasheet
269Kb / 1P
   Test Cable
CBL-0.5M-NMNM++ MINI-CBL-0.5M-NMNM+ Datasheet
269Kb / 1P
   Test Cable
CBL-0.5M-SMNM MINI-CBL-0.5M-SMNM Datasheet
265Kb / 1P
   Test Cable
CBL-0.5M-SMNM++ MINI-CBL-0.5M-SMNM+ Datasheet
265Kb / 1P
   Test Cable
CBL-0.5M-SMSM MINI-CBL-0.5M-SMSM Datasheet
257Kb / 1P
   Test Cable
More results

Similar Description - CBL-SERIES

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA18-MM-141-3 CRYSTEKMICROWAVE-CCSMA18-MM-141-3 Datasheet
892Kb / 1P
   50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
   086 Flexible 50 Ohm 18 GHz Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
   LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-086-3 CRYSTEKMICROWAVE-CCSMA-MM-086-3 Datasheet
904Kb / 1P
   50 Ohm DC-12 GHz Hand Formable Coaxial Cables
CC2450-MM-150-24 CRYSTEKMICROWAVE-CC2450-MM-150-24 Datasheet
1Mb / 2P
   50 GHz Low Loss Coaxial Cables
logo
Mini-Circuits
KHFC3-141 MINI-KHFC3-141 Datasheet
896Kb / 1P
   COAXIAL CABLES Designer?셲 Kit DC to 18 GHz, SMA-Male Connectors
REV. OR
KHFC2-086 MINI-KHFC2-086 Datasheet
921Kb / 1P
   COAXIAL CABLES Designer?셲 Kit DC to 18 GHz, SMA-Male Connectors
REV. OR
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com