Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH532VDF3560M2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PEH532VDF3560M2
Description  Capacitor Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH532VDF3560M2 Datasheet(HTML) 1 Page - Kemet Corporation

  PEH532VDF3560M2 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacitor Specification
Part Number :
Customer :
Customer p/n :
PEH532VDF3560M2
Capacitance:
560
Lower Cap Tolerance:
-
20
Upper Cap Tolerance:
+
20
Working Voltage:
400
Surge Test Voltage:
440
Terminals
2 pin snap-in
Other Dimensions
Rated ripple current
2 A rms at
100
Hz and
105
Diameter (mm)
35.5 +/-0.5
Length (L or L2) (mm)
46 +/-1
Temperature range
105
°C to
-40
°C
°C
uF
%
%
V
V
DC
DC
240
130
0.67
400.0V
DC
ESR
m'Ohms MAX @ 100 HZ,20°C
IMPEDANCE
m'Ohms MAX @ 10 KHZ,20°C
0
0
DC LEAKAGE
mA max @ Test Volts
Test Voltage
L
6.3± 1
D
10± 0.1
2± 0.1
Expected life = 1500h (Ur, Ir, 105ºC, 100Hz) considering EOL at 2x Initial Typical
ESR
Form : FM003.DES Iss : 3 Date :30/06/1
Approved______________________
Date___________
_
All product specifications, statements, information and data (collectively, the “Information”) are subject to change without notice. All Information given herein is believed to be accurate and reliable, but is presented without
guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to
constitute – and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to
determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability
for the advice given or results obtained. Although we design and manufacture our products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur.
Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the
failure of an electrical component does not result in a risk of personal injury or property damage. Although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety
measures are indicated or that other measures may not be required. KEMET's product warranty is set forth at www.kemet.com under Terms and Conditions of Sale.


Similar Part No. - PEH532VDF3560M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532VDB3220M2 KEMET-PEH532VDB3220M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 220 uF, 20%, 400 V, -40/105C
More results

Similar Description - PEH532VDF3560M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A152KF450 KEMET-ALS30A152KF450 Datasheet
34Kb / 1P
   Capacitor Specification
logo
Murata Manufacturing Co...
GNM212R61C474MA16 MURATA-GNM212R61C474MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A225ME16 MURATA-GNM212R61A225ME16 Datasheet
667Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A105MA13 MURATA-GNM212R61A105MA13 Datasheet
603Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H470KD01 MURATA-GNM1M25C1H470KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM214C80J105MEA2 MURATA-GNM214C80J105MEA2 Datasheet
679Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H680KD01 MURATA-GNM1M25C1H680KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61C105MA16 MURATA-GNM212R61C105MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
VFS9VD31B223Q93J MURATA-VFS9VD31B223Q93J Datasheet
199Kb / 7P
   This reference specification applies to Disc-Type EMIFIL짰 (Three-terminal Varistor-Capacitor)
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com