Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBL-3FT-SMSM Datasheet(PDF) 3 Page - Mini-Circuits

Part # CBL-3FT-SMSM
Description  Coaxial-Flex Test Cables 50??DC to 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CBL-3FT-SMSM Datasheet(HTML) 3 Page - Mini-Circuits

  CBL-3FT-SMSM Datasheet HTML 1Page - Mini-Circuits CBL-3FT-SMSM Datasheet HTML 2Page - Mini-Circuits CBL-3FT-SMSM Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CBL-SERIES
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
CBL-2FT-SMSM
INSERTION LOSS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
3000
6000
9000
12000 15000 18000
FREQUENCY (dBm)
CBL-2FT-SMSM
RETURN LOSS
0
10
20
30
40
50
60
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
CBL-3FT-SMSM
INSERTION LOSS
0.0
0.5
1.0
1.5
2.0
2.5
0
3000
6000
9000
12000 15000 18000
FREQUENCY (MHz)
CBL-3FT-SMSM
RETURN LOSS
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0
3000
6000
9000
12000 15000 18000
FREQUENCY (MHz)
CBL-6FT-SMSM
INSERTION LOSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
CBL-6FT-SMSM
RETURN LOSS
0
10
20
30
40
50
60
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
Typical Performance Curves


Similar Part No. - CBL-3FT-SMSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBL-3FT-SFNM MINI-CBL-3FT-SFNM Datasheet
264Kb / 1P
   Test Cable
CBL-3FT-SFNM++ MINI-CBL-3FT-SFNM+ Datasheet
264Kb / 1P
   Test Cable
CBL-3FT-SFSM MINI-CBL-3FT-SFSM Datasheet
257Kb / 1P
   Test Cable
CBL-3FT-SFSM++ MINI-CBL-3FT-SFSM+ Datasheet
257Kb / 1P
   Test Cable
More results

Similar Description - CBL-3FT-SMSM

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA18-MM-141-3 CRYSTEKMICROWAVE-CCSMA18-MM-141-3 Datasheet
892Kb / 1P
   50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
   086 Flexible 50 Ohm 18 GHz Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
   LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-086-3 CRYSTEKMICROWAVE-CCSMA-MM-086-3 Datasheet
904Kb / 1P
   50 Ohm DC-12 GHz Hand Formable Coaxial Cables
CC2450-MM-150-24 CRYSTEKMICROWAVE-CC2450-MM-150-24 Datasheet
1Mb / 2P
   50 GHz Low Loss Coaxial Cables
logo
Mini-Circuits
KHFC3-141 MINI-KHFC3-141 Datasheet
896Kb / 1P
   COAXIAL CABLES Designer?셲 Kit DC to 18 GHz, SMA-Male Connectors
REV. OR
KHFC2-086 MINI-KHFC2-086 Datasheet
921Kb / 1P
   COAXIAL CABLES Designer?셲 Kit DC to 18 GHz, SMA-Male Connectors
REV. OR
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com