Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRGB3393-C1 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LRGB3393-C1
Description  TRIPLE COLOR LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB3393-C1 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LRGB3393-C1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB3393-C1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB3393-C1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB3393-C1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB3393-C1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB3393-C1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB3393-C1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB3393-C1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Description
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
The purpose of this test is the resistance
of the device under tropical for hours.
This test intended to see soldering well
performed or not.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
High Temperature
High Humidity Test
Solder Resistance
Test
Thermal Shock Test
Low Temperature
Storage Test
High Temperature
Storage Test
Test Condition
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Reliability Test:
Operating Life Test
Test Item
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Reference
Standard
7/7
Page
PART NO. LRGB3393-C1


Similar Part No. - LRGB3393-C1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB3393-A LIGITEK-LRGB3393-A Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3393-A-H0 LIGITEK-LRGB3393-A-H0 Datasheet
148Kb / 8P
   TRIPLE COLOR LED LAMPS
More results

Similar Description - LRGB3393-C1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB31492 LIGITEK-LRGB31492 Datasheet
211Kb / 6P
   TRIPLE COLOR LED LAMPS
LRGB13593-A LIGITEK-LRGB13593-A Datasheet
111Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-A1 LIGITEK-LRGY3393-A1 Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LYRG3392-C-S159-PF LIGITEK-LYRG3392-C-S159-PF Datasheet
139Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB93193-A1 LIGITEK-LRGB93193-A1 Datasheet
216Kb / 9P
   TRIPLE COLOR LED LAMPS
LRGB3393-A LIGITEK-LRGB3393-A Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-C1 LIGITEK-LRGY3393-C1 Datasheet
123Kb / 7P
   TRIPLE COLOR LED LAMPS
LEGB3392-A-J LIGITEK-LEGB3392-A-J Datasheet
134Kb / 8P
   TRIPLE COLOR LED LAMPS
LEYG3392-C3-PF LIGITEK-LEYG3392-C3-PF Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3392-C1 LIGITEK-LRGB3392-C1 Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com