Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS653-MU Datasheet(PDF) 6 Page - Artesyn Technologies

Part # CNS653-MU
Description  Type BF ready
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS653-MU Datasheet(HTML) 6 Page - Artesyn Technologies

  CNS653-MU Datasheet HTML 1Page - Artesyn Technologies CNS653-MU Datasheet HTML 2Page - Artesyn Technologies CNS653-MU Datasheet HTML 3Page - Artesyn Technologies CNS653-MU Datasheet HTML 4Page - Artesyn Technologies CNS653-MU Datasheet HTML 5Page - Artesyn Technologies CNS653-MU Datasheet HTML 6Page - Artesyn Technologies CNS653-MU Datasheet HTML 7Page - Artesyn Technologies CNS653-MU Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CNS650-M Series Data Sheet
Mechanical Drawings (“-ME” Suffix for End-fan Construction/12 V only)
PEM F-M3-1 (2X)
MODEL LABEL
PEM F-M3-1 (2X)
PEM F-M3-1 (4X)
AC INLET
OUTPUT TERMINALS
SCREW M4X8 (4X)
TORQUE: 10kgf-cm MAX.
20-WAY
SIGNAL CONNECTOR
152.4
177.8 0.5
4.8 REF
16.2
120
16.2
120
1.9 REF
26.2
(2X) 100
20
J304
VR408
TRIMPOT FOR OUTPUT ADJUSTABILITY
COUNTER-CLOCKWISE:
INCREASE OUTPUT VOLTAGE
Unit weight (-ME suffix): 1000 g


Similar Part No. - CNS653-MU

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CNS653-MU ARTESYN-CNS653-MU Datasheet
1Mb / 8P
   650 Watt AC-DC Power Supplies
More results

Similar Description - CNS653-MU

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E8110-030-01 PULSE-E8110-030-01 Datasheet
159Kb / 2P
   USB 3.0 MICRO BF SMD TYPE
logo
Knowles Electronics
BF-1923-000 KNOWLES-BF-1923-000 Datasheet
67Kb / 1P
   BF DAMPER
logo
Pulse A Technitrol Comp...
E8110-032-01 PULSE-E8110-032-01 Datasheet
98Kb / 1P
   USB 3.0 MACRO BF SMD TYPE
logo
Knowles Electronics
BF-1859-000 KNOWLES-BF-1859-000 Datasheet
67Kb / 1P
   BF DAMPER
BF-1861-000 KNOWLES-BF-1861-000 Datasheet
67Kb / 1P
   BF DAMPER
logo
List of Unclassifed Man...
TCA940 ETC1-TCA940 Datasheet
334Kb / 9P
   AF AMPLIFIER AMPLIFICATEUR BF
logo
PHOENIX CONTACT
2976077 PHOENIX-2976077 Datasheet
50Kb / 2P
   Mounting flange - UMK- BF
logo
Abracon Corporation
ABM8AIG ABRACON-ABM8AIG Datasheet
5Mb / 4P
   PPAP ready and supported
12.09.15
logo
Molex Electronics Ltd.
130170-0019 MOLEX11-130170-0019 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer
logo
Pulse A Technitrol Comp...
E8110-033-01 PULSE-E8110-033-01 Datasheet
90Kb / 1P
   USB 3.0 MACRO BF SMD SHORT BODY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com