Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA10-050US Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DA10-050US
Description  High average loading efficiency 79%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA10-050US Datasheet(HTML) 4 Page - Artesyn Technologies

  DA10-050US Datasheet HTML 1Page - Artesyn Technologies DA10-050US Datasheet HTML 2Page - Artesyn Technologies DA10-050US Datasheet HTML 3Page - Artesyn Technologies DA10-050US Datasheet HTML 4Page - Artesyn Technologies DA10-050US Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DA10 Series Data Sheet
Mechanical Drawings - DA10-050EU
Note: All dimensions in mm.


Similar Part No. - DA10-050US

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DA100 CANDD-DA100 Datasheet
141Kb / 2P
   Transformers for Digital Audio Data Transmission
logo
Murata Power Solutions ...
DA100 MURATA-PS-DA100 Datasheet
381Kb / 4P
   Transformers for Digital Audio Data Transmission
2023
logo
Marktech Corporate
DA1000 MARKTECH-DA1000 Datasheet
462Kb / 5P
   LEDs
DA1000 MARKTECH-DA1000_15 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
logo
Murata Power Solutions ...
DA100J MURATA-PS-DA100J Datasheet
121Kb / 3P
   SM Transformers for Digital Audio Data Transmission
More results

Similar Description - DA10-050US

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA5-050 ARTESYN-DA5-050 Datasheet
700Kb / 5P
   High average loading efficiency 76%
logo
FCI connector
BSC201843791 FCI-CONNECTOR-BSC201843791 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
BSC201843566 FCI-CONNECTOR-BSC201843566 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Samsung semiconductor
KA8330 SAMSUNG-KA8330 Datasheet
64Kb / 7P
   LOADING MOTOR DRIVER
logo
Protek Devices
GBLCSC08CLC PROTEC-GBLCSC08CLC_15 Datasheet
466Kb / 6P
   SC-79 PACKAGE
logo
Richtek Technology Corp...
RT6010 RICHTEK-RT6010 Datasheet
211Kb / 13P
   Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
logo
FCI connector
HM2P08PD5111N9LF FCI-CONNECTOR-HM2P08PD5111N9LF Datasheet
146Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Maxim Integrated Produc...
MAX77278EVKIT MAXIM-MAX77278EVKIT Datasheet
4Mb / 18P
   Emulates System Loading
319-100223; Rev 0; 7/18
logo
Protek Devices
GBLCSC PROTEC-GBLCSC_15 Datasheet
358Kb / 6P
   SC-79 PACKAGE
logo
Glenair, Inc.
240-790-029 GLENAIR-240-790-029 Datasheet
311Kb / 6P
   Series 79 Filtered Plug
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com