Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA5-050UK-B Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DA5-050UK-B
Description  High average loading efficiency 76%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA5-050UK-B Datasheet(HTML) 3 Page - Artesyn Technologies

  DA5-050UK-B Datasheet HTML 1Page - Artesyn Technologies DA5-050UK-B Datasheet HTML 2Page - Artesyn Technologies DA5-050UK-B Datasheet HTML 3Page - Artesyn Technologies DA5-050UK-B Datasheet HTML 4Page - Artesyn Technologies DA5-050UK-B Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DA5 Series Data Sheet
Mechanical Drawings - DA5-050CH
Note: All dimensions in mm.


Similar Part No. - DA5-050UK-B

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA5-050UK-B ARTESYN-DA5-050UK-B Datasheet
700Kb / 5P
   DA5-050 Series 5 Watts
More results

Similar Description - DA5-050UK-B

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA10-050 ARTESYN-DA10-050 Datasheet
717Kb / 5P
   High average loading efficiency 79%
logo
FCI connector
BSC201843791 FCI-CONNECTOR-BSC201843791 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
BSC201843566 FCI-CONNECTOR-BSC201843566 Datasheet
143Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Samsung semiconductor
KA8330 SAMSUNG-KA8330 Datasheet
64Kb / 7P
   LOADING MOTOR DRIVER
logo
Richtek Technology Corp...
RT6010 RICHTEK-RT6010 Datasheet
211Kb / 13P
   Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
logo
FCI connector
HM2P08PD5111N9LF FCI-CONNECTOR-HM2P08PD5111N9LF Datasheet
146Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Maxim Integrated Produc...
MAX77278EVKIT MAXIM-MAX77278EVKIT Datasheet
4Mb / 18P
   Emulates System Loading
319-100223; Rev 0; 7/18
logo
FCI connector
BSC201843180 FCI-CONNECTOR-BSC201843180 Datasheet
150Kb / 1P
   LOADING PATTERN OVERVIEW
logo
Feature Integration Tec...
F75133 FINTEK-F75133 Datasheet
745Kb / 24P
   LOADING GAUGE IC
logo
Maxim Integrated Produc...
MAX77756EVKIT MAXIM-MAX77756EVKIT Datasheet
12Mb / 21P
   Emulates System Loading
Rev 0; 1/17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com