Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5054323201 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5054323201
Description  Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5054323201 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5054323201 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/14/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5054323201
Status:
Active
Overview:
Micro-Lock Plus Wire-to-Board Connector System
Description:
Micro-Lock™ PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock,
32 Circuits, Black
Documents:
Drawing (PDF)
Application Specification AS-505432-002-001 (PDF)
Product Specification 5054320000-002 (PDF)
Packaging Specification 5054329200-200 (PDF)
Product Specification PS-505432-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-505432-001-001 (PDF)
Product Literature (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
505432
Application
Signal, Wire-to-Board
Overview
Micro-Lock Plus Wire-to-Board Connector System
Product Literature Order No
987651-4888
Product Name
Micro-Lock™ PLUS
UPC
889056422307
Physical
Circuits (maximum)
32
Color - Resin
Black
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
625.835/mg
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.25mm
Pitch - Termination Interface
1.25mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-505432-001-001, AS-505432-002-001
Packaging Specification
5054329200-200
Product Specification
5054320000-002, PS-505432-001-001
Sales Drawing
5054320000-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
505432 Series
Mates With
Dual Row Vertical Header 505433 <br>Dual
Row Right Angle Header 505448
Use With
Micro-Lock™ PLUS Terminal 505431
This document was generated on 06/14/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5054323201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054323201 MOLEX-5054323201 Datasheet
323Kb / 3P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW RECEPTACLE HOUSING
2021/02/25
More results

Similar Description - 5054323201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054321201 MOLEX1-5054321201 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321001 MOLEX1-5054321001 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321401 MOLEX1-5054321401 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321601 MOLEX1-5054321601 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054324001 MOLEX1-5054324001 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054320801 MOLEX1-5054320801 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321801 MOLEX1-5054321801 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054322001 MOLEX1-5054322001 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054322601 MOLEX1-5054322601 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054322801 MOLEX1-5054322801 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054323601 MOLEX1-5054323601 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com