Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78-G11 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RL78-G11
Description  True Low Power Platform
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78-G11 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RL78-G11 Datasheet HTML 1Page - Renesas Technology Corp RL78-G11 Datasheet HTML 2Page - Renesas Technology Corp RL78-G11 Datasheet HTML 3Page - Renesas Technology Corp RL78-G11 Datasheet HTML 4Page - Renesas Technology Corp RL78-G11 Datasheet HTML 5Page - Renesas Technology Corp RL78-G11 Datasheet HTML 6Page - Renesas Technology Corp RL78-G11 Datasheet HTML 7Page - Renesas Technology Corp RL78-G11 Datasheet HTML 8Page - Renesas Technology Corp RL78-G11 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
R01DS0282EJ0110 Rev. 1.10
Page 1 of 135
Dec 28, 2016
RL78/G11
RENESAS MCU
True Low Power Platform (as low as 58.3
A/MHz, and 0.64 A for LVD), 1.6 V to 5.5 V operation, 16
Kbyte Flash, 33 DMIPS at 24 MHz, for General Purpose Applications
Datasheet
1. OUTLINE
1.1
Features
Ultra-low power consumption technology
•VDD = 1.6 V to 5.5 V
•HALT mode
• STOP mode
• SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be
changed from high speed (0.04167
s: @ 24 MHz
operation with high-speed on-chip oscillator) to
ultra-low speed (66.6
s: @ 15 kHz operation with
low-speed on-chip oscillator clock)
• Multiply/divide/multiply & accumulate instructions
are supported.
• Address space: 1 Mbytes
• General-purpose registers: (8-bit register
 8)  4
banks
• On-chip RAM: 1.5 Kbytes
Code flash memory
• Code flash memory: 16 Kbytes
• Block size: 1 Kbytes
• On-chip debug function
• Self-programming (with boot swap function/flash
shield window function)
Data flash memory
• Data flash memory: 2 Kbytes
• Back ground operation (BGO): Instructions can be
executed from the program memory while
rewriting the data flash memory.
• Number of rewrites: 1,000,000 times (TYP.)
• Voltage of rewrites: VDD = 1.8 to 5.5 V
High-speed on-chip oscillator
• Select from 48 MHz, 24 MHz, 16 MHz, 12 MHz, 8
MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz, and 1 MHz
• High accuracy: ±1.0% (VDD = 1.8 to 5.5 V, TA = -
20 to +85°C)
Middle-speed on-chip oscillator
• Selectable from 4 MHz, 2 MHz, and 1 MHz.
Operating ambient temperature
•TA = -40 to +85°C (A: Consumer applications)
•TA = -40 to +105°C (G: Industrial applications)
Power management and reset function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detector (LVD) (Select interrupt
and reset from 14 levels)
Data transfer controller (DTC)
• Transfer modes: Normal transfer mode, repeat
transfer mode, block transfer mode
• Activation sources: Activated by interrupt sources.
• Chain transfer function
Event link controller (ELC)
• Event signals of 18 types can be linked to the
specified peripheral function.
Serial interfaces
• CSI: 4 channels
• UART: 2 channel
•I2C/simplified I2C: 4 channels
• Multimaster I2C: 2 channels
Timers
• 16-bit timer (TAU): 4 channels
• TKB: 1 channel
• 12-bit interval timer: 1 channel
• 8-bit interval timer: 2 channels
• Watchdog timer: 1 channel
R01DS0282EJ0110
Rev. 1.10
Dec 28, 2016


Similar Part No. - RL78-G11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G1A RENESAS-RL78-G1A Datasheet
1Mb / 129P
   Combines Multi-channel 12-Bit A/D Converter
More results

Similar Description - RL78-G11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
logo
STMicroelectronics
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
   Ultra-low-power platform
February 2016 Rev 8
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
   Ultra-low-power platform
March 2016 Rev 6
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
   Ultra-low-power platform
March 2016 Rev 6
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
   Ultra-low-power platform
March 2017 Rev 8
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com