Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-IN32M3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R-IN32M3
Description  LSI for Industrial Ethernet
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R-IN32M3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R-IN32M3 Datasheet HTML 1Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 2Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 3Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 4Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 5Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 6Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 7Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 8Page - Renesas Technology Corp R-IN32M3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
R-IN32M3 Series Data Sheet
1. Overview
R18DS0008EJ0401
Page 2 of 110
Feb 28, 2017
1.3
Overview
Table 1.2 Overview of R-IN32M3 (1/2)
Product
Item
R-IN32M3
CPU cores
ARM Cortex-M3 32-bit RISC CPU
+ Real-Time OS Accelerator (Hardware Real-Time OS, HW-RTOS)
Operating frequency
100 MHz
Instruction set
Thumb
-2 instruction ARMv7-M architecture
Instruction RAM
768 Kbytes (RAM with ECC)
Data RAM
512 Kbytes (RAM with ECC)
Buffer RAM
64 Kbytes (RAM with ECC)
Internal system bus
- 32-bit system bus at 100 MHz
- 128-bit communication bus at 100 MHz
DMA
- 4 channels + 1 channel (for real-time port)
- Supports software and various interrupt-triggered DMA
Boot options
- Serial flash ROM boot
- External memory boot
- External MPU boot
External memory support
- 16-bit or 32-bit bus interface
- Page ROM / ROM / SRAM interface
- Synchronous burst memory interface
- Four chip selects for external SRAM
- 256-Mbyte (max) external memory space
- Programmable wait function
External MCU Interface
- 16-bit or 32-bit bus interface
- General-purpose interface for static memory
- Address space:2 Mbytes (instruction RAM, data RAM, register area)
Serial flash ROM memory controller
- Support serial interface compatible with SPI of the companies
- Support direct boot from serial memory device
- Support Fast Read, Fast Read Dual Output, Fast Read Dual I/O mode
- Direct layout in memory space
Interrupt
- 29 external interrupt pins
Internal peripheral circuit
I/O Ports
CMOS I/O: 96 pins (max.)
System timers (three systems)
- Internal timer of Hardware RTOS
- Internal timer of CPU
- 4-channel timer array
- 32-bit counter & 32-bit data register
- Counter by external signal
Watchdog timer
- 1 channel
- Software-triggered start mode
- Selectable operations in response to errors:
- Generation of a non-maskable interrupt (NMI)
- Generation of a reset


Similar Part No. - R-IN32M3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R-IN32M3-EC RENESAS-R-IN32M3-EC Datasheet
407Kb / 10P
   System LSI
R-IN32M3 RENESAS-R-IN32M3_15 Datasheet
2Mb / 105P
   LSI for Industrial Ethernet
More results

Similar Description - R-IN32M3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3_15 Datasheet
2Mb / 105P
   LSI for Industrial Ethernet
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
List of Unclassifed Man...
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Red Lion Controls. Inc
708TX REDLION-708TX Datasheet
777Kb / 3P
   Industrial Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com