Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117AC Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F117AC
Description  Ultra-low power consumption technology
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117AC Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F117AC Datasheet HTML 2Page - Renesas Technology Corp R5F117AC Datasheet HTML 3Page - Renesas Technology Corp R5F117AC Datasheet HTML 4Page - Renesas Technology Corp R5F117AC Datasheet HTML 5Page - Renesas Technology Corp R5F117AC Datasheet HTML 6Page - Renesas Technology Corp R5F117AC Datasheet HTML 7Page - Renesas Technology Corp R5F117AC Datasheet HTML 8Page - Renesas Technology Corp R5F117AC Datasheet HTML 9Page - Renesas Technology Corp R5F117AC Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
RL78/I1D
1. OUTLINE
R01DS0244EJ0220 Rev. 2.20
Page 6 of 99
Feb 20, 2017
1.3.2
24-pin products
• 24-pin plastic HWQFN (4
× 4 mm, 0.5 mm pitch)
Caution 1. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Caution 2. Make AVSS pin the same potential as VSS pin.
Caution 3. Make AVDD pin the same potential as VDD pin.
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
It is recommended to connect an exposed die pad to VSS.
Remark 3.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0
(PIOR0).
<R>
12
11
10
9
8
7
19
20
21
22
23
24
18 17 16 15 14 13
1 23 4 5 6
AVSS
P14/ANI4/IVCMP0/AMP0O
P13/ANI3/AMP0-
P12/ANI2/AMP0+
P40/TOOL0
RESET
P51/KR0/SCK01/SCL01/TI02/TO02
P52/KR1/SI01/SDA01/TI03/TO03
P53/KR2/SO01/VCOUT0
P54/SO00/TxD0/INTP1/TOOLTXD
P55/SI00/RxD0/SDA00/INTP2/TOOLRXD
P56/SCK00/SCL00/INTP3
INDEX MARK
exposed die pad
RL78/I1D
(Top View)


Similar Part No. - R5F117AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F117AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com