Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117AC Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F117AC
Description  Ultra-low power consumption technology
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117AC Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F117AC Datasheet HTML 7Page - Renesas Technology Corp R5F117AC Datasheet HTML 8Page - Renesas Technology Corp R5F117AC Datasheet HTML 9Page - Renesas Technology Corp R5F117AC Datasheet HTML 10Page - Renesas Technology Corp R5F117AC Datasheet HTML 11Page - Renesas Technology Corp R5F117AC Datasheet HTML 12Page - Renesas Technology Corp R5F117AC Datasheet HTML 13Page - Renesas Technology Corp R5F117AC Datasheet HTML 14Page - Renesas Technology Corp R5F117AC Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
RL78/I1D
1. OUTLINE
R01DS0244EJ0220 Rev. 2.20
Page 11 of 99
Feb 20, 2017
1.4
Pin Identification
ANI0 to ANI13,
: Analog input
PCLBUZ0, PCLBUZ1
: Programmable clock output/buzzer
ANI16 to ANI18
output
AVDD
: Analog power supply
REGC
: Regulator capacitance
AVREFM
: A/D converter reference
RESET
: Reset
potential (- side) input
RTC1HZ
: Real-time clock correction clock (1 Hz)
AVREFP
: A/D converter reference
output
potential (+ side) input
RxD0
: Receive data
AVSS
: Analog ground
SCK00, SCK01
: Serial clock input/output
EXCLK
: External clock input
SCL00, SCL01
: Serial clock input/output
(main system clock)
SDA00, SDA01
: Serial data input/output
EXCLKS
: External clock input
SI00, SI01
: Serial data input
(subsystem clock)
SO00, SO01
: Serial data output
INTP0 to INTP6
: External interrupt input
SSI00
: Serial interface chip select input
IVCMP0, IVCMP1
: Comparator input
TI00 to TI03
: Timer input
IVREF0, IVREF1
: Comparator reference input
TO00 to TO03
: Timer output
KR0 to KR3
: Key return
TOOL0
: Data input/output for tool
P00 to P04
: Port 0
TOOLRXD, TOOLTXD
: Data input/output for external device
P10 to P17
: Port 1
TxD0
: Transmit data
P20 to P25
: Port 2
VCOUT0, VCOUT1
: Comparator output
P30 to P33
: Port 3
AMP0+, AMP1+,
: Operational amplifier (+side) input
P40
: Port 4
AMP2+, AMP3+
P50 to P57
: Port 5
AMP0-, AMP1-,
: Operational amplifier (-side) input
P60 to P63
: Port 6
AMP2-, AMP3-
P121 to P124
: Port 12
AMP0O, AMP1O,
: Operational amplifier output
P130, P137
: Port 13
AMP2O, AMP3O
VDD
: Power supply
VSS
: Ground
X1, X2
: Crystal oscillator (main system clock)
XT1, XT2
: Crystal oscillator (subsystem clock)


Similar Part No. - R5F117AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F117AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com