Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1084 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  1A Bipolar Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1084_17 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACE1084
1A Bipolar Linear Regulator
VER 1.2
2
Packaging Type
TO-252
TO-263-2L
TO-263-3L
TO-220
Pin Configuration
Pin Number
Description
1
VSS/ADJ
2
VOUT
3
VIN
Recommended work conditions
Parameter
Value
Input Voltage Range
Max. 15V
Operating Junction Temperature (TJ)
0
OC ~ 125 OC
Ordering information
ACE1084 XX XX + H
Halogen - free
Output Voltage: 1.8V/2.5V/3.3V/5.0V/ Default: Adjustable Version
Pb - free
YM: TO-252
1WN: TO-263-3
2WN: TO-263-2
ZM: TO-220


Similar Part No. - ACE1084_17

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084 Datasheet
881Kb / 13P
   5A Bipolar Linear Regulator
VER 1.4
More results

Similar Description - ACE1084_17

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com