Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9006M03N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE9006M03N
Description  N-Channel 60-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE9006M03N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE9006M03N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE9006M03N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE9006M03N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE9006M03N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE9006M03N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE9006M03N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE9006M03N Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE9006M03N
N-Channel 60-V MOSFET
VER 1.1
1
Description
The ACE9006M03N uses advanced trench technology to provide excellent RDS(ON) and low gate charge.
This device is suitable for use as a load switch or in PWM applications. The source leads are separated to
allow a Kelvin connection to the source, which may be used to bypass the source inductance.
Features
Low rDS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous
Drain Current
a
TA=25℃
ID
120
A
Pulsed Drain Current
b
IDM
360
A
Continuous Source Current (Diode Conduction)
a
IS
90
A
Power Dissipation
a
TA=25℃
PD
300
W
Operating temperature / storage temperature
TJ/TSTG
-55~175
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
62.5
°C/W
Steady State
1
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
PRODUCT SUMMARY
VDS (V)
rDS(on) (mΩ)
ID(A)
60
3 @ VGS = 10V
120A
4 @ VGS = 5.5V


Similar Part No. - ACE9006M03N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
   P-Channel 60-V MOSFET
VER 1.1
More results

Similar Description - ACE9006M03N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2006M ACE-ACE2006M Datasheet
536Kb / 7P
   N-Channel 60-V MOSFET
VER 1.1
ACE2358M ACE-ACE2358M Datasheet
460Kb / 7P
   N-Channel 60-V MOSFET
VER 1.1
ACE9060M ACE-ACE9060M Datasheet
469Kb / 7P
   N-Channel 60-V MOSFET
VER 1.1
ACE1106M ACE-ACE1106M Datasheet
457Kb / 7P
   N-Channel 60-V MOSFET
VER 1.1
ACE2398M ACE-ACE2398M Datasheet
448Kb / 7P
   N-Channel 60-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
   60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
   60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
   60 V, N-channel Trench MOSFET
13 May 2019
PMX800ENE NEXPERIA-PMX800ENE Datasheet
274Kb / 14P
   60 V, N-channel Trench MOSFET
12 July 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com