Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13713-21 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY13713-21
Description  RX Diversity FEM with Gain (B29, B26, B8, B20, B12/13, B28A and B28B)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13713-21 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY13713-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13713-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DATA SHEET • SKY13713-21: RX DIVERSITY FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
May 10, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203510B
Table 4. SKY13713-21 RF Electrical Specifications1 (1 of 2)
(VDD = 2.85 V, VIO = 1.8 V, TOP = +25 °C, Characteristic Impedance [ZO] = 50
, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
In-Band gain:
B29 @ 722.5 MHz
B12/13 @ 742 MHz
B28A @ 773 MHz
AUX @ 860.5 MHz
SW @ 860.5 MHz
B28B @ 788 MHz
B20 @ 806 MHz
B26 @ 876.5 MHz
B8 @ 942.5 MHz
G
Cascaded gain
12
12
12
13
–1.5
12
12
12
12
13
14
14
15
–0.5
13.5
13.5
14
13.5
15
16
16
16.5
0
16
16
16.5
15.5
dB
dB
dB
dB
dB
dB
dB
dB
dB
In-Band noise figure:
B29 @ 722.5 MHz
B12/13 @ 742 MHz
B28A @ 773 MHz
AUX @ 860.5 MHz
B28B @ 788 MHz
B20 @ 806 MHz
B26 @ 876.5 MHz
B8 @ 942.5 MHz
NF
Cascaded noise figure
1
1
1
0.5
1
1
1
1
2.5
2.7
2.5
1.5
2.5
3.0
2.6
2.6
4
4
4
4
4
5
4
4
dB
dB
dB
dB
dB
dB
dB
dB
In-Band input return loss:
B29 @ 722.5 MHz
B12/13 @ 742 MHz
B28A @ 773 MHz
AUX @ 860.5 MHz
SW @ 860.5 MHz
B28B @ 788 MHz
B20 @ 806 MHz
B26 @ 876.5 MHz
B8 @ 942.5 MHz
S11
–9
–10
–7.5
–8
–15
–8.5
–10
–9
–10
–6.5
–6.5
–6
–5
–10
–7
–8
–7
–7
dB
dB
dB
dB
dB
dB
dB
dB
dB
In-Band output return loss:
B29 @ 722.5 MHz
B12/13 @ 742 MHz
B28A @ 773 MHz
AUX @ 860.5 MHz
SW @ 860.5 MHz
B28B @ 788 MHz
B20 @ 806 MHz
B26 @ 876.5 MHz
B8 @ 942.5 MHz
S22
–14
–15
–14
–15
–15
–13
–15
–12
–15
–8
–9
–7.5
–8.5
–10
–7.5
–9
–7
–8
dB
dB
dB
dB
dB
dB
dB
dB
dB


Similar Part No. - SKY13713-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13713 SKYWORKS-SKY13713 Datasheet
201Kb / 2P
   RX Diversity FEM with Gain
More results

Similar Description - SKY13713-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA25000 SKYWORKS-SKYA25000 Datasheet
208Kb / 2P
   Low-Band LNA Front-End Module (B26/B5/B18/B19, B8, B20, B12/13/17, B28A, B28B, and B29)
SKY13713 SKYWORKS-SKY13713 Datasheet
201Kb / 2P
   RX Diversity FEM with Gain
SKY13744-11 SKYWORKS-SKY13744-11 Datasheet
199Kb / 2P
   RX Diversity FEM with Carrier Aggregation
SKY13745-21 SKYWORKS-SKY13745-21 Datasheet
199Kb / 2P
   RX Diversity FEM with Carrier Aggregation
SKY13746-21 SKYWORKS-SKY13746-21 Datasheet
200Kb / 2P
   RX Diversity FEM with Carrier Aggregation
logo
WALSIN TECHNOLOGY CORPO...
RFBLN0605040Y1T WALSIN-RFBLN0605040Y1T Datasheet
602Kb / 7P
   LTE B12/B17/B28/B29 Band RF Application
logo
List of Unclassifed Man...
SIM7100E ETC1-SIM7100E Datasheet
233Kb / 1P
   Five-Band FDD-LTE B1/B3/B7/B8/B20
logo
Infineon Technologies A...
BGS15MA12 INFINEON-BGS15MA12 Datasheet
743Kb / 21P
   SP5T Rx Diversity Switch
Revision 3.1 - 2016-05-11
logo
TriQuint Semiconductor
TQM966025 TRIQUINT-TQM966025 Datasheet
89Kb / 1P
   B25 BAW Diversity Rx Filter
logo
Pulse A Technitrol Comp...
W3031 PULSE-W3031 Datasheet
1Mb / 3P
   850 MHz RX Diversity Ceramic Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com