Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66115-11 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY66115-11
Description  400 to 510 MHz Front-End Module for Range Extension Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66115-11 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY66115-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DATA SHEET • SKY66115-11: 400 TO 510 MHz FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
January 11, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203309G
Package Dimensions
The SKY66115-11 typical part marking is shown in Figure 11. The
PCB layout footprint for the SKY66115-11 is shown in Figure 12.
Package dimensions are shown in Figure 13, and tape and reel
dimensions are provided in Figure 14.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY66115-11 is rated to Moisture Sensitivity Level 3 (MSL3)
at 250
C. It can be used for lead or lead-free soldering. For
additional information, refer to Skyworks Application Note, PCB
Design and SMT Assembly/Rework Guidelines for MCM-L
Packages, document number 101752.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Pin 1
Indicator
Skyworks
Part Number
Lot Code
Date Code:
YY = Calendar Year
WW = Work Week
CC = Country Code
203309-011
66115-11
XXXXXXXXX
YYWW CC
Figure 11. SKY66115-11 Typical Part Marking


Similar Part No. - SKY66115-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66115-11 SKYWORKS-SKY66115-11 Datasheet
971Kb / 11P
   470 to 510 MHz Front-End Module for Range Extension Applications
More results

Similar Description - SKY66115-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66115-11 SKYWORKS-SKY66115-11 Datasheet
971Kb / 11P
   470 to 510 MHz Front-End Module for Range Extension Applications
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
SKY66110-11 SKYWORKS-SKY66110-11 Datasheet
1Mb / 11P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY66111-11 SKYWORKS-SKY66111-11 Datasheet
1Mb / 14P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com