Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66115-11 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY66115-11
Description  400 to 510 MHz Front-End Module for Range Extension Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66115-11 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY66115-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66115-11 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DATA SHEET • SKY66115-11: 400 TO 510 MHz FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203309G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 11, 2017
9
4.4
4.4
4.3
4.3
Package outline
Exposed center pad
Exposed center pad
4X 0.65
4X 0.925
4X 0.925
4X 0.65
12X 0.4
4X 0.75
2X 1.0
2X 1.0
4X 0.75
12X 0.5
12X 0.65
12X 0.75
Stencil aperture size of
80 to 100% of the module/pkg
solder mask openings
Opening size of
60 to 100% of exposed
center opening shown
Pin 16
Pin 1 indicator
0.20 X 0.20
Pin 1
Pin 16
Pin 1 indicator
0.20 X 0.20
Pin 1
0.8 Pitch
0.8 Pitch
4.3
4.3
Package outline
Package outline
7X 0.65
7X 0.4
Pin 16
Pin 1
0.8 Pitch
0.25 Typ.
Thermal via array Ø0.3 mm
on 0.6 mm pitch will improve
thermal performance
Metallization
(Top View)
Stencil Aperture
(Top View)
Solder Mask Opening
(Top View)
Notes:
1. All measurements are in millimeters.
2. Thermal vias should be resin filled and capped in accordance with
IPC-4761 type VII vias. Recommended Cu thickness is 30 to 35
µm.
203309-012
Figure 12. SKY66115-11 PCB Layout Footprint


Similar Part No. - SKY66115-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66115-11 SKYWORKS-SKY66115-11 Datasheet
971Kb / 11P
   470 to 510 MHz Front-End Module for Range Extension Applications
More results

Similar Description - SKY66115-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66115-11 SKYWORKS-SKY66115-11 Datasheet
971Kb / 11P
   470 to 510 MHz Front-End Module for Range Extension Applications
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
SKY66110-11 SKYWORKS-SKY66110-11 Datasheet
1Mb / 11P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY66111-11 SKYWORKS-SKY66111-11 Datasheet
1Mb / 14P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com