Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY78132 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY78132
Description  SkyOne Ultra 3.0 Front-End Module for WCDMA / LTE Bands 7, 30, 40, 41
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY78132 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY78132 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY78132 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
204497A • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • February 3, 2017
1
PRODUCT SUMMARY
SKY78132 SkyOne® Ultra 3.0 Front-End Module for WCDMA /
LTE Bands 7, 30, 40, 41
Applications
• Multiband 3G handsets
• TDD-LTE / FDD LTE-modulated handsets for bands
7, 30, 40 and 41
Features
• Fully integrated MB multiband module
• Optimized for average power tracking system
• B40 and B41 HPUE compatible
• Integrated duplexer for band 7
• Integrated Band 42 LNA
• MIPI® 2.0/RFFE interface
Closed loop architecture with the implemented coupler output
port
• Integrated LNA module
• Flexible Tx Input
• Support B30/B38/B40/B41 Transmit Output port
• Small, low profile package
- 5.3 mm x 5.5 mm x 0.8 mm
- 46-pad configuration
Description
The SKY78132, SkyOne® Ultra 3.0 is a multimode multiband
(MMMB) Front-End Module (FEM) that supports 4G, handsets and
and operates efficiently in LTE modes. RF I/O ports internally
matched to 50 ohms, minimize the need for external components.
Extremely low leakage current maximizes handset standby time.
The InGaP/GaAs die and passive components are mounted on a
multi-layer laminate substrate and the assembly encapsulated in
plastic overmold.
LTE: The SKY78132 meets spectral linearity requirements of LTE
modulation with QPSK/16QAM up to 20 MHz bandwidth, including
various resource block allocations, with excellent power-added
efficiency.
Receiver Section: The SKY78132’s integrated LNAs, antenna
switch and B7 duplexer provide 4G Rx paths from antenna to
input ports of RFIC. Optimized low insertion-loss Rx paths,
matching circuits, and well-grounded guard traces (high Tx–Rx
isolation) inside module mitigate desense problems and enhance
sensitivity performance.
LNA Rx Ports: The SKY78132 provides four LNA input ports to
support additional bands and MIMO.


Similar Part No. - SKY78132

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY78130 SKYWORKS-SKY78130 Datasheet
103Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for WCDMA / LTE Bands 8, 12, 13, 20, 26, 27, 28, 29
SKY78131 SKYWORKS-SKY78131 Datasheet
104Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for WCDMA / LTE Bands 1, 2, 3, 4, 25, 34, 39
More results

Similar Description - SKY78132

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA23010 SKYWORKS-SKYA23010 Datasheet
82Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for Automotive Applications ??WCDMA / LTE Bands 7, 30, 40, 41
SKYA23011 SKYWORKS-SKYA23011 Datasheet
83Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for Automotive Applications ??WCDMA / LTE Bands 7, 30, 40, 41
SKY78117-14A SKYWORKS-SKY78117-14A Datasheet
102Kb / 2P
   SkyOne Ultra 2.0 Front-End Module for FDD/TDD LTE Bands 7, 30, 38, 40, 41
SKY78117 SKYWORKS-SKY78117 Datasheet
240Kb / 2P
   Ultra 2.0 Front-End Module for FDD/TDD LTE Bands 7, 30, 38, 40, 41
SKY78131 SKYWORKS-SKY78131 Datasheet
104Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for WCDMA / LTE Bands 1, 2, 3, 4, 25, 34, 39
SKY78130 SKYWORKS-SKY78130 Datasheet
103Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for WCDMA / LTE Bands 8, 12, 13, 20, 26, 27, 28, 29
SKYA23013 SKYWORKS-SKYA23013 Datasheet
103Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for Automotive Applications ??WCDMA / LTE Bands 1, 2, 3, 4, 25,34, 39
SKY78113-61 SKYWORKS-SKY78113-61 Datasheet
167Kb / 2P
   SkyOne Ultra 2.0 Front-End Module for WCDMA / LTE Bands 26, 8, 12, 13, 20, 27
SKY78114-61 SKYWORKS-SKY78114-61 Datasheet
104Kb / 2P
   SkyOne Ultra 2.5 Front-End Module for WCDMA / LTE Bands 1, 2, 3, 4, 25, 34, 39
SKYA23014 SKYWORKS-SKYA23014 Datasheet
103Kb / 2P
   SkyOne Ultra 3.0 Front-End Module for Automotive Applications ??WCDMA / LTE Bands 8, 12, 13, 20, 26, 27, 28, 29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com