Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P512LR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6201P512LR
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P512LR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6201P512LR Datasheet HTML 4Page - Torex Semiconductor XC6201P512LR Datasheet HTML 5Page - Torex Semiconductor XC6201P512LR Datasheet HTML 6Page - Torex Semiconductor XC6201P512LR Datasheet HTML 7Page - Torex Semiconductor XC6201P512LR Datasheet HTML 8Page - Torex Semiconductor XC6201P512LR Datasheet HTML 9Page - Torex Semiconductor XC6201P512LR Datasheet HTML 10Page - Torex Semiconductor XC6201P512LR Datasheet HTML 11Page - Torex Semiconductor XC6201P512LR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
XC6201 Series
192
3
XC6201P182
VOUT(E) (Note 2)
VIN=2.8V
1.764
1.800
1.836
V
2
IOUT=40mA
IOUTmax
VIN=2.8V
80
1.8
mA
2
VOUT(E)
≥1.62V
ΔVOUT
VIN=2.8V
10
30
mV
2
1mA
≤IOUT≤40mA
Vdif1
Vdif2
IOUT=40mA
200
370
mV
2
IOUT=80mA
450
710
ISS
VIN=2.8V
3.0
5.0
µA1
ΔVOUT
IOUT=40mA
0.2
0.3
%/V
2
ΔVIN・VOUT
2.8V
≤VIN≤10.0V
VIN
10
V
ΔVOUT
IOUT=40mA
±100
ppm
2
ΔTopr・VOUT
-40
°C≤Topr≤85°C
/
°C
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
UNITS CIRCUIT
MIN
TYP
MAX
Output Voltage
Maximum Output Current
Load Regulation
Dropout Voltage (Note 3)
Supply Current
Line Regulation
Input Voltage
Output Voltage
Temperature Characteristics
VOUT(T)=1.8V (Note 1)
XC6201P272
Ta=25
°C
VOUT(E) (Note 2)
VIN=3.7V
2.646
2.700
2.754
V
2
IOUT=40mA
IOUTmax
VIN=3.7V
100
1.8
mA
2
VOUT(E)
≥2.43V
ΔVOUT
VIN=3.7V
15
40
mV
2
1mA
≤IOUT≤60mA
Vdif1
Vdif2
IOUT=60mA
200
370
mV
2
IOUT=120mA
450
710
ISS
VIN=3.7V
2.0
5.0
µA1
ΔVOUT
IOUT=40mA
0.2
0.3
%/V
2
ΔVIN・VOUT
3.7V
≤VIN≤10.0V
VIN
10
V
ΔVOUT
IOUT=40mA
±100
ppm
2
ΔTopr・VOUT
-40
°C≤Topr≤85°C
/
°C
PARAMETER
SYMBOL
CONDITIONS
UNITS
CIRCUIT
MIN
TYP
MAX
Output Voltage
Maximum Output Current
Load Regulation
Dropout Voltage (Note 3)
Supply Current
Line Regulation
Input Voltage
Output Voltage
Temperature Characteristics
VOUT(T)=2.7V (Note 1)
03S_01XC6201 02.9.12 2:35 PM ページ 192


Similar Part No. - XC6201P512LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P501DR TOREX-XC6201P501DR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501DR-G TOREX-XC6201P501DR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR TOREX-XC6201P501MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR TOREX-XC6201P501MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR-G TOREX-XC6201P501MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P512LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com