Electronic Components Datasheet Search |
|
VC0805M251R050 Datasheet(PDF) 10 Page - Kemet Corporation |
|
VC0805M251R050 Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 15 page 10 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com V0002_VC • 10/26/2016 Surface Mount Varistors VC Series Low Voltage 125°C Soldering cont'd Solder Test and Retained Samples–reflowsolderingtestbasedonJ-STD-020D.1andsolderingtestbydippingbasedonIEC60068- 2 for Pb-free solders are preformed on each production lot as shown in the following chart. Test results and accompanying samples areretainedforaminimumoftwo(2)years.Thesolderabilityofaspecificlotcanbecheckedatanytimewithinthisperiodshoulda customer require this information. Test Resistance to Flux Solderability Static leaching (Simulation of Reflow Soldering) Dynamic Leaching (Simulation of Wave Soldering) Parameter Soldering method dipping dipping dipping dipping with agitation Flux L3CN, ORL0 L3CN, ORL0, R L3CN, ORL0, R L3CN, ORL0, R Pb Solder 62Sn/36Pb/2 Ag PbSolderingtemperature(°C) 235±5 235±5 260±5 235±5 Pb-FREE Solder Sn96/Cu0,4–0,8/3–4Ag Pb-FREE Soldering Temperature(°C) 250±5 250±5 280±5 250±5 Soldering Time (s) 2 210 10 > 15 Burn-in Conditions VDC max, 48 h Acceptance Criterion dVn < 5 %, i dc must stay unchanged > 95 % of end termination must be covered by solder > 95 % of end termination must be intact and covered by solder > 95 % of end termination must be intact and covered by solder Rework Criteria Soldering Iron – unless absolutely necessary, the use of soldering irons is NOT recommended for reworking varistor chips. If no other means of rework is available, the following criteria must be strictly followed: • Do not allow the tip of the iron to directly contact the top of the chip •Donotexceedthefollowingsolderingironspecifications: Output Power: 30 Watts maximum TemperatureofSolderingIronTip: 280°Cmaximum Soldering Time: 10 Seconds maximum Storage Conditions – SMD varistors should be used within 1 year of purchase to avoid possible soldering problems caused by oxidized terminals.Thestorageenvironmentshouldbecontrolled,withhumiditylessthan40%andtemperaturebetween-25and45°C.Varistor chips should always be stored in their original packaged unit. |
Similar Part No. - VC0805M251R050 |
|
Similar Description - VC0805M251R050 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |