Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2013EP Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2013EP
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2013EP Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2013EP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2013EP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2013EP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2013EP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series P
Internationally Approved Toggles
A98
A
www.nkkswitches.com
22
Terminals
No
Code
Solder Lug
P
Straight PC
Z
.187” (4.75mm)
Quick Connect
TYPICAL SWITCH ORDERING EXAMPLE
P20
DPDT
ON-NONE-ON Circuit
Poles & Circuits
11
SPST
ON
NONE
OFF
12 SPDT
ON
NONE
ON
13 SPDT
ON
OFF
ON
21 DPST
ON
NONE
OFF
22 DPDT
ON
NONE
ON
23 DPDT
ON
OFF
ON
Toggles & Bushings
No
Code
.512” (13.0mm) White Cap
with 6mm Bushing
E
.450” (11.4mm) Flatted
with 6mm Bushing
B
.689” (17.5mm) Large Bat
with 12mm Bushing
D
.748” (19.0mm) White Capped
Column with 12mm Bushing
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
P2022B
B
.689” (17.5mm) Large Bat
with 12mm Bushing
Solder Lug Terminals
Toggle Position
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminal numbers are on
the switch.
SP
P2011
ON
NONE
OFF
1-1b
OPEN
OPEN
SPST
SP
P2012
P2013
ON
ON
NONE
OFF
ON
ON
1-1b
OPEN
1-1a
SPDT
DP
P2021
ON
NONE
OFF
1-1b 2-2b
OPEN
OPEN
DPST
DP
P2022
P2023
ON
ON
NONE
OFF
ON
ON
1-1b 2-2b
OPEN
1-1a 2-2a
DPDT
POLES & CIRCUITS
1 (COM)
1b
1 (COM)
1b
1a
1
2
(COM)
1b
2b
1
1b
2b
2
(COM)
1a
2a
Keyway
Keyway
IMPORTANT:
VDE is marked on all models. Switches are supplied
without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered
with marking on the switch.
Specific models, ratings, & ordering instructions are
noted on the General Specifications page.


Similar Part No. - P2013EP

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2013EP NKK-P2013EP Datasheet
172Kb / 4P
   Internationally Approved Toggles
More results

Similar Description - P2013EP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com