Electronic Components Datasheet Search |
|
VC0603K121R060 Datasheet(PDF) 3 Page - Kemet Corporation |
|
VC0603K121R060 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 15 page 3 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com V0002_VC • 10/26/2016 Surface Mount Varistors VC Series Low Voltage 125°C Environmental Compliance RoHS 2 2011/65/EC, REACH Performance Characteristics Continuous Units Value Steady State Applied Voltage DC Voltage Range (V dc) V 3 to 170 AC Voltage Range (V rms) V 2 to 130 Transient Peak Single Pulse Surge Current, 8/20 µs Waveform (I max) A 30 to 1200 Single Pulse Surge Energy, 10/1000 µs Waveform (W max) J 0.1 to 12.2 Operating Ambient Temperature °C −55to+125 Storage Temperature Range °C −55to+150 ThresholdVoltageTemperatureCoefficient %/°C <+0.05 Response Time ns < 2 Climatic Category 55/125/56 Qualifications Reliability Parameter Test Tested According to Condition to be Satisfied after Testing AC/DC Bias Reliability AC/DC Life Test CECC 42200, Test 4.20 or IEC 1051–1, Test 4.20. AEC–Q200 Test 8 – 1,000 hours at UCT |δ Vn (1 mA)| < 10 % Pulse Current Capability I max 8/20 µs CECC 42200, Test C 2.1 or IEC 1051–1, Test 4.5. 10 pulses in the same direction at 2 pulses per minute at maximum peak current for 10 pulses |δ Vn (1 mA)| < 10 % no visible damage Pulse Energy Capability W max 10/1,000 µs CECC 42200, Test C 2.1 or IEC 1051–1, Test 4.5. 10 pulses in the same direction at 1 pulses every 2 minutes at maximum peak current for 10 pulses |δ Vn (1 mA)| < 10 % no visible damage WLD Capability WLD x 10 ISO 7637, Test pulse 5, 10 pulses at rate 1 per minute |δ Vn (1 mA)| < 15 % no visible damage V jump Capability V jump 5 min IncreaseofsupplyvoltagetoV≥V jump for 1 minute |δ Vn (1 mA)| < 15 % no visible damage |
Similar Part No. - VC0603K121R060 |
|
Similar Description - VC0603K121R060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |